Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 11Page - Microchip Technology PIC12CE673 Datasheet HTML 12Page - Microchip Technology PIC12CE673 Datasheet HTML 13Page - Microchip Technology PIC12CE673 Datasheet HTML 14Page - Microchip Technology PIC12CE673 Datasheet HTML 15Page - Microchip Technology PIC12CE673 Datasheet HTML 16Page - Microchip Technology PIC12CE673 Datasheet HTML 17Page - Microchip Technology PIC12CE673 Datasheet HTML 18Page - Microchip Technology PIC12CE673 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 15
PIC12C67X
4.2.2.1
STATUS REGISTER
The STATUS Register, shown in Register 4-1, contains
the arithmetic status of the ALU, the RESET status and
the bank select bits for data memory.
The STATUS Register can be the destination for any
instruction, as with any other register. If the STATUS
Register is the destination for an instruction that affects
the Z, DC or C bits, then the write to these three bits is
disabled. These bits are set or cleared according to the
device logic. Furthermore, the TO and PD bits are not
writable. Therefore, the result of an instruction with the
STATUS Register as destination may be different than
intended.
For example, CLRF STATUS will clear the upper three
bits and set the Z bit. This leaves the STATUS Register
as 000u u1uu (where u = unchanged).
It is recommended, therefore, that only BCF,
BSF,
SWAPF
and MOVWF instructions are used to alter the
STATUS Register, because these instructions do not
affect the Z, C or DC bits from the STATUS Register.
For other instructions, not affecting any status bits, see
the "Instruction Set Summary."
Note 1: Bits IRP and RP1 (STATUS<7:6>) are not
used by the PIC12C67X and should be
maintained clear. Use of these bits as
general purpose R/W bits is NOT recom-
mended, since this may affect upward
compatibility with future products.
2: The C and DC bits operate as a borrow
and digit borrow bit, respectively, in sub-
traction. See the SUBLW and SUBWF
instructions for examples.
REGISTER 4-1:
STATUS REGISTER (ADDRESS 03h, 83h)
Reserved Reserved
R/W-0
R-1
R-1
R/W-x
R/W-x
R/W-x
IRP
RP1
RP0
TO
PD
Z
DC
C
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
IRP: Register Bank Select bit (used for indirect addressing)
1
= Bank 2, 3 (100h - 1FFh)
0
= Bank 0, 1 (00h - FFh)
The IRP bit is reserved; always maintain this bit clear.
bit 6-5:
RP<1:0>: Register Bank Select bits (used for direct addressing)
11
= Bank 3 (180h - 1FFh)
10
= Bank 2 (100h - 17Fh)
01
= Bank 1 (80h - FFh)
00
= Bank 0 (00h - 7Fh)
Each bank is 128 bytes. The RP1 bit is reserved; always maintain this bit clear.
bit 4:
TO: Time-out bit
1
= After power-up, CLRWDT instruction, or SLEEP instruction
0
= A WDT time-out occurred
bit 3:
PD: Power-down bit
1
= After power-up or by the CLRWDT instruction
0
= By execution of the SLEEP instruction
bit 2:
Z: Zero bit
1
= The result of an arithmetic or logic operation is zero
0
= The result of an arithmetic or logic operation is not zero
bit 1:
DC: Digit Carry/borrow bit (ADDWF, ADDLW,SUBLW,SUBWF instructions) (for borrow the polarity is reversed)
1
= A carry-out from the 4th low order bit of the result occurred
0
= No carry-out from the 4th low order bit of the result
bit 0:
C: Carry/borrow bit (ADDWF, ADDLW,SUBLW,SUBWF instructions)
1
= A carry-out from the most significant bit of the result occurred
0
= No carry-out from the most significant bit of the result occurred
Note:
For borrow the polarity is reversed. A subtraction is executed by adding the two’s complement of the sec-
ond operand. For rotate (RRF, RLF) instructions, this bit is loaded with either the high or low order bit of
the source register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com