Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 44Page - Microchip Technology PIC12CE673 Datasheet HTML 45Page - Microchip Technology PIC12CE673 Datasheet HTML 46Page - Microchip Technology PIC12CE673 Datasheet HTML 47Page - Microchip Technology PIC12CE673 Datasheet HTML 48Page - Microchip Technology PIC12CE673 Datasheet HTML 49Page - Microchip Technology PIC12CE673 Datasheet HTML 50Page - Microchip Technology PIC12CE673 Datasheet HTML 51Page - Microchip Technology PIC12CE673 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 130 page
background image
PIC12C67X
DS30561C-page 48
 1997-2013 Microchip Technology Inc.
8.1
A/D Sampling Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 8-2. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD), see
Figure 8-2.
The maximum recommended imped-
ance for analog sources is 10 k
. After the analog
input channel is selected (changed), this acquisition
must be done before the conversion can be started.
To calculate the minimum acquisition time, Equation 8-1
may be used. This equation assumes that 1/2 LSb error
is used (512 steps for the A/D). The 1/2 LSb error is the
maximum error allowed for the A/D to meet its specified
resolution.
EQUATION 8-1:
A/D MINIMUM CHARGING
TIME
VHOLD = (VREF - (VREF/512)) • (1 - e(-Tc/C
HOLD
(RIC + RSS + RS)))
or
Tc = -(51.2 pF)(1 k
 + RSS + RS) ln(1/511)
Example 8-1 shows the calculation of the minimum
required acquisition time TACQ. This calculation is
based on the following system assumptions.
Rs = 10 k
1/2 LSb error
VDD = 5V
 Rss = 7 k
Temp (system max.) = 50C
VHOLD = 0 @ t = 0
EXAMPLE 8-1:
CALCULATING THE
MINIMUM REQUIRED
SAMPLE TIME
TACQ = Internal Amplifier Settling Time +
Holding Capacitor Charging Time +
Temperature Coefficient
TACQ =5
s + Tc + [(Temp - 25C)(0.05 s/C)]
TC =-CHOLD (RIC + RSS + RS) ln(1/512)
-51.2 pF (1 k
 + 7 k + 10 k) ln(0.0020)
-51.2 pF (18 k
) ln(0.0020)
-0.921
s (-6.2146)
5.724
s
TACQ =5
s + 5.724 s + [(50C - 25C)(0.05 s/C)]
10.724
s + 1.25 s
11.974
s
Note 1: The reference voltage (VREF) has no
effect on the equation, since it cancels
itself out.
2: The charge holding capacitor (CHOLD) is
not discharged after each conversion.
3: The maximum recommended impedance
for analog sources is 10 k
. This is
required to meet the pin leakage specifi-
cation.
4: After a conversion has completed, a
2.0 TAD delay must
complete before
acquisition can begin again. During this
time, the holding capacitor is not con-
nected to the selected A/D input channel.
FIGURE 8-2:
ANALOG INPUT MODEL
CPIN
VA
Rs
RAx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I leakage
RIC
1k
Sampling
Switch
SS
Rss
CHOLD
= DAC capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
( k
 )
VDD
= 51.2 pF
± 500 nA
Legend: CPIN
VT
I leakage
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com