Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 93Page - Microchip Technology PIC12CE673 Datasheet HTML 94Page - Microchip Technology PIC12CE673 Datasheet HTML 95Page - Microchip Technology PIC12CE673 Datasheet HTML 96Page - Microchip Technology PIC12CE673 Datasheet HTML 97Page - Microchip Technology PIC12CE673 Datasheet HTML 98Page - Microchip Technology PIC12CE673 Datasheet HTML 99Page - Microchip Technology PIC12CE673 Datasheet HTML 100Page - Microchip Technology PIC12CE673 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 97
PIC12C67X
12.4
DC CHARACTERISTICS:
PIC12LC671/672 (Commercial, Industrial)
PIC12LCE673/674 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0°C
 TA  +70°C (commercial)
–40°C
 TA  +85°C (industrial)
Operating voltage VDD range as described in DC spec Section 12.1 and
Section 12.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
D030
with TTL buffer
VSS
0.8V
V
For 4.5V
 VDD5.5V
VSS
—0.15VDD
Votherwise
D031
with Schmitt Trigger buffer
VSS
—0.2VDD
V
D032
MCLR, GP2/T0CKI/AN2/INT
(in EXTRC mode)
VSS
—0.2VDD
V
D033
OSC1 (in EXTRC mode)
VSS
—0.2VDD
V
Note 1
D033
OSC1 (in XT, HS, and LP)
VSS
—0.3VDD
V
Note 1
Input High Voltage
I/O ports
VIH
D040
with TTL buffer
2.0V
VDD
V4.5V
 VDD 5.5V
D040A
0.25VDD + 0.8V
VDD
Votherwise
D041
with Schmitt Trigger buffer
0.8VDD
—VDD
VFor entire VDD range
D042
MCLR, GP2/T0CKI/AN2/INT
0.8VDD
—VDD
V
D042A
OSC1 (XT, HS, and LP)
0.7VDD
—VDD
V
Note 1
D043
OSC1 (in EXTRC mode)
0.9VDD
—VDD
V
Input Leakage Current (Notes 2, 3)
D060
I/O ports
IIL
——
+1
AVss VPIN VDD, Pin at
hi-impedance
D061
GP3/MCLR (Note 5)
+30
AVss VPIN VDD
D061A
GP3 (Note 6)
+5
AVss VPIN VDD
D062
GP2/T0CKI
+5
AVss VPIN VDD
D063
OSC1
+5
AVss VPIN VDD, XT, HS and
LP osc configuration
D070
GPIO weak pull-up current (Note 4)
IPUR
50
250
400
AVDD = 5V, VPIN = VSS
MCLR pull-up current
30
AVDD = 5V, VPIN = VSS
Output Low Voltage
D080
I/O ports
VOL
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
–40
C to +85C
D080A
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
–40
C to +125C
D083
OSC2/CLKOUT
0.6
V
IOL = TBD, VDD = 4.5V,
–40
C to +85C
D083A
0.6
V
IOL = TBD, VDD = 4.5V,
–40
C to +125C
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC12C67X
be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent nor-
mal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: Does not include GP3. For GP3 see parameters D061 and D061A.
5: This spec. applies to GP3/MCLR configured as external MCLR and GP3/MCLR configured as input with internal pull-up
enabled.
6: This spec. applies when GP3/MCLR is configured as an input with pull-up disabled. The leakage current of the MCLR circuit is
higher than the standard I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com