Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 96Page - Microchip Technology PIC12CE673 Datasheet HTML 97Page - Microchip Technology PIC12CE673 Datasheet HTML 98Page - Microchip Technology PIC12CE673 Datasheet HTML 99Page - Microchip Technology PIC12CE673 Datasheet HTML 100Page - Microchip Technology PIC12CE673 Datasheet HTML 101Page - Microchip Technology PIC12CE673 Datasheet HTML 102Page - Microchip Technology PIC12CE673 Datasheet HTML 103Page - Microchip Technology PIC12CE673 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 130 page
background image
PIC12C67X
DS30561C-page 100
 1997-2013 Microchip Technology Inc.
12.6
Timing Diagrams and Specifications
FIGURE 12-5: EXTERNAL CLOCK TIMING
TABLE 12-1:
CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
FOSC
External CLKIN Frequency
(Note 1)
DC
4
MHz
XT and EXTRC osc mode
DC
4
MHz
HS osc mode (PIC12CE67X-04)
DC
10
MHz
HS osc mode (PIC12CE67X-10)
DC
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
4
MHz
EXTRC osc mode
.455
4
MHz
XT osc mode
4
4
MHz
HS osc mode (PIC12CE67X-04)
4
10
MHz
HS osc mode (PIC12CE67X-10)
5
200
kHz
LP osc mode
1TOSC
External CLKIN Period
(Note 1)
250
ns
XT and EXTRC osc mode
250
ns
HS osc mode (PIC12CE67X-04)
100
ns
HS osc mode (PIC12CE67X-10)
5—
s
LP osc mode
Oscillator Period
(Note 1)
250
ns
EXTRC osc mode
250
10,000
ns
XT osc mode
250
250
ns
HS osc mode (PIC12CE67X-04)
100
250
ns
HS osc mode (PIC12CE67X-10)
5—
sLP osc mode
2TCY
Instruction Cycle Time (Note 1)
400
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1) High
or Low Time
50
ns
XT oscillator
2.5
s
LP oscillator
10
ns
HS oscillator
4TosR,
TosF
External Clock in (OSC1) Rise
or Fall Time
25
ns
XT oscillator
50
ns
LP oscillator
15
ns
HS oscillator
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based
on characterization data for that particular oscillator type under standard operating conditions with the device exe-
cuting code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than
expected current consumption. All devices are tested to operate at "min." values with an external clock applied to
the OSC1/CLKIN pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices. OSC2 is discon-
nected (has no loading) for the PIC12C67X.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com