Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 100Page - Microchip Technology PIC12CE673 Datasheet HTML 101Page - Microchip Technology PIC12CE673 Datasheet HTML 102Page - Microchip Technology PIC12CE673 Datasheet HTML 103Page - Microchip Technology PIC12CE673 Datasheet HTML 104Page - Microchip Technology PIC12CE673 Datasheet HTML 105Page - Microchip Technology PIC12CE673 Datasheet HTML 106Page - Microchip Technology PIC12CE673 Datasheet HTML 107Page - Microchip Technology PIC12CE673 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 130 page
background image
PIC12C67X
DS30561C-page 104
 1997-2013 Microchip Technology Inc.
FIGURE 12-8: TIMER0 CLOCK TIMINGS
TABLE 12-5:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
TABLE 12-6:
GPIO PULL-UP RESISTOR RANGES
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
40*
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
Must also meet
parameter 42
With Prescaler
10
—
—
ns
41*
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
Must also meet
parameter 42
With Prescaler
10
—
—
ns
42*
Tt0P
T0CKI Period
No Prescaler
TCY + 40
—
—
ns
With Prescaler
Greater of:
20 or TCY + 40
N
—
—
ns
N = prescale
value (2, 4,...,
256)
48
TCKE2tmr1 Delay from external clock edge to timer
increment
2TOSC
—7Tos
c
—
* These parameters are characterized but not tested.
† Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
VDD (Volts)
Temperature (
C)
Min
Typ
Max
Units
GP0/GP1
2.5
–40
38K
42K
63K
25
42K
48K
63K
85
42K
49K
63K
125
50K
55K
63K
5.5
–40
15K
17K
20K
25
18K
20K
23K
85
19K
22K
25K
125
22K
24K
28K
GP3
2.5
–40
285K
346K
417K
25
343K
414K
532K
85
368K
457K
532K
125
431K
504K
593K
5.5
–40
247K
292K
360K
25
288K
341K
437K
85
306K
371K
448K
125
351K
407K
500K
*
These parameters are characterized but not tested.
Note: Refer to Figure 12-4 for load conditions.
41
42
40
GP2/T0CKI
TMR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com