Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 63Page - Microchip Technology PIC12CE673 Datasheet HTML 64Page - Microchip Technology PIC12CE673 Datasheet HTML 65Page - Microchip Technology PIC12CE673 Datasheet HTML 66Page - Microchip Technology PIC12CE673 Datasheet HTML 67Page - Microchip Technology PIC12CE673 Datasheet HTML 68Page - Microchip Technology PIC12CE673 Datasheet HTML 69Page - Microchip Technology PIC12CE673 Datasheet HTML 70Page - Microchip Technology PIC12CE673 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 67
PIC12C67X
FIGURE 9-16: WAKE-UP FROM SLEEP THROUGH INTERRUPT
Q1
Q2
Q3 Q4
Q1 Q2
Q3
Q4
Q1
Q1
Q2 Q3 Q4
Q1 Q2 Q3 Q4
Q1
Q2 Q3
Q4
Q1 Q2
Q3
Q4
OSC1
CLKOUT(4)
GPIO pin
GPIF flag
(INTCON<0>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
fetched
Instruction
executed
PC
PC+1
PC+2
Inst(PC) = SLEEP
Inst(PC - 1)
Inst(PC + 1)
SLEEP
Processor in
SLEEP
Interrupt Latency
(Note 3)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy cycle
PC + 2
0004h
0005h
Dummy cycle
TOST(2)
PC+2
Note 1: XT, HS or LP oscillator mode assumed.
2: TOST = 1024TOSC (drawing not to scale) This delay will not be there for INTRC and EXTRC osc mode.
3: GIE = '1' assumed. In this case after wake- up, the processor jumps to the interrupt routine. If GIE = '0', execution will
continue in-line.
4: CLKOUT is not available in XT, HS or LP osc modes, but shown here for timing reference.
9.9
Program Verification/Code Protection
If the code protection bit(s) have not been pro-
grammed, the on-chip program memory can be read
out for verification purposes.
9.10
ID Locations
Four memory locations (2000h - 2003h) are designated
as ID locations, where the user can store checksum or
other code-identification numbers. These locations are
not accessible during normal execution, but are read-
able and writable during program/verify. It is recom-
mended that only the 4 least significant bits of the ID
location are used.
9.11
In-Circuit Serial Programming
PIC12C67X microcontrollers can be serially pro-
grammed while in the end application circuit. This is
simply done with two lines for clock and data, and three
other lines for power, ground and the programming volt-
age. This allows customers to manufacture boards with
unprogrammed devices, and then program the micro-
controller just before shipping the product. This also
allows the most recent firmware or a custom firmware
to be programmed.
The device is placed into a program/verify mode by
holding the GP1 and GP0 pins low, while raising the
MCLR (VPP) pin from VIL to VIHH (see programming
specification). GP1 (clock) becomes the programming
clock and GP0 (data) becomes the programming data.
Both GP0 and GP1 are Schmitt Trigger inputs in this
mode.
Note:
Microchip does not recommend code pro-
tecting windowed devices.
After reset, and if the device is placed into program-
ming/verify mode, the program counter (PC) is at loca-
tion 00h. A 6-bit command is then supplied to the
device. Depending on the command, 14-bits of pro-
gram data are then supplied to or from the device,
depending if the command was a load or a read. For
complete details of serial programming, please refer to
the PIC12C67X Programming Specifications.
FIGURE 9-17: TYPICAL IN-CIRCUIT SERIAL
PROGRAMMING
CONNECTION
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC12C67X
VDD
VSS
MCLR/VPP
GP1
GP0
+5V
0V
VPP
CLK
Data I/O
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com