Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 9Page - Microchip Technology PIC12CE673 Datasheet HTML 10Page - Microchip Technology PIC12CE673 Datasheet HTML 11Page - Microchip Technology PIC12CE673 Datasheet HTML 12Page - Microchip Technology PIC12CE673 Datasheet HTML 13Page - Microchip Technology PIC12CE673 Datasheet HTML 14Page - Microchip Technology PIC12CE673 Datasheet HTML 15Page - Microchip Technology PIC12CE673 Datasheet HTML 16Page - Microchip Technology PIC12CE673 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 13
PIC12C67X
TABLE 4-1:
PIC12C67X SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
Resets(3)
Bank 0
00h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
01h
TMR0
Timer0 module’s register
xxxx xxxx
uuuu uuuu
02h(1)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
03h(1)
STATUS
IRP(4)
RP1(4)
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h(1)
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
05h
GPIO
SCL(5)
SDA(5)
GP5
GP4
GP3
GP2
GP1
GP0
11xx xxxx
11uu uuuu
06h
Unimplemented
07h
Unimplemented
08h
Unimplemented
09h
Unimplemented
0Ah(1,2)
PCLATH
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
0Bh(1)
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 000x
0000 000u
0Ch
PIR1
—ADIF
-0-- ----
-0-- ----
0Dh
Unimplemented
0Eh
Unimplemented
0Fh
Unimplemented
10h
Unimplemented
11h
Unimplemented
12h
Unimplemented
13h
Unimplemented
14h
Unimplemented
15h
Unimplemented
16h
Unimplemented
17h
Unimplemented
18h
Unimplemented
19h
Unimplemented
1Ah
Unimplemented
1Bh
Unimplemented
1Ch
Unimplemented
1Dh
Unimplemented
1Eh
ADRES
A/D Result Register
xxxx xxxx
uuuu uuuu
1Fh
ADCON0
ADCS1
ADCS0
reserved
CHS1
CHS0
GO/DONE
reserved
ADON
0000 0000
0000 0000
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: These registers can be addressed from either bank.
2: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose con-
tents are transferred to the upper byte of the program counter.
3: Other (non power-up) resets include external reset through MCLR and Watchdog Timer Reset.
4: The IRP and RP1 bits are reserved on the PIC12C67X; always maintain these bits clear.
5: The SCL (GP7) and SDA (GP6) bits are unimplemented on the PIC12C671/672 and read as ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com