Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 10Page - Microchip Technology PIC12CE673 Datasheet HTML 11Page - Microchip Technology PIC12CE673 Datasheet HTML 12Page - Microchip Technology PIC12CE673 Datasheet HTML 13Page - Microchip Technology PIC12CE673 Datasheet HTML 14Page - Microchip Technology PIC12CE673 Datasheet HTML 15Page - Microchip Technology PIC12CE673 Datasheet HTML 16Page - Microchip Technology PIC12CE673 Datasheet HTML 17Page - Microchip Technology PIC12CE673 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 130 page
background image
PIC12C67X
DS30561C-page 14
 1997-2013 Microchip Technology Inc.
Bank 1
80h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
81h
OPTION
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h(1)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
83h(1)
STATUS
IRP(4)
RP1(4)
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
84h(1)
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
85h
TRIS
GPIO Data Direction Register
--11 1111
--11 1111
86h
Unimplemented
87h
Unimplemented
88h
Unimplemented
89h
Unimplemented
8Ah(1,2)
PCLATH
Write Buffer for the upper 5 bits of the PC
---0 0000
---0 0000
8Bh(1)
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 000x
0000 000u
8Ch
PIE1
—ADIE
-0-- ----
-0-- ----
8Dh
Unimplemented
8Eh
PCON
—POR
---- --0-
---- --u-
8Fh
OSCCAL
CAL3
CAL2
CAL1
CAL0
CALFST
CALSLW
0111 00--
uuuu uu--
90h
Unimplemented
91h
Unimplemented
92h
Unimplemented
93h
Unimplemented
94h
Unimplemented
95h
Unimplemented
96h
Unimplemented
97h
Unimplemented
98h
Unimplemented
99h
Unimplemented
9Ah
Unimplemented
9Bh
Unimplemented
9Ch
Unimplemented
9Dh
Unimplemented
9Eh
Unimplemented
9Fh
ADCON1
PCFG2
PCFG1
PCFG0
---- -000
---- -000
TABLE 4-1:
PIC12C67X SPECIAL FUNCTION REGISTER SUMMARY (CONT.)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
Resets(3)
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: These registers can be addressed from either bank.
2: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose con-
tents are transferred to the upper byte of the program counter.
3: Other (non power-up) resets include external reset through MCLR and Watchdog Timer Reset.
4: The IRP and RP1 bits are reserved on the PIC12C67X; always maintain these bits clear.
5: The SCL (GP7) and SDA (GP6) bits are unimplemented on the PIC12C671/672 and read as ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com