Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 106Page - Microchip Technology PIC12CE673 Datasheet HTML 107Page - Microchip Technology PIC12CE673 Datasheet HTML 108Page - Microchip Technology PIC12CE673 Datasheet HTML 109Page - Microchip Technology PIC12CE673 Datasheet HTML 110Page - Microchip Technology PIC12CE673 Datasheet HTML 111Page - Microchip Technology PIC12CE673 Datasheet HTML 112Page - Microchip Technology PIC12CE673 Datasheet HTML 113Page - Microchip Technology PIC12CE673 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 130 page
background image
PIC12C67X
DS30561C-page 110
 1997-2013 Microchip Technology Inc.
TABLE 13-1:
DYNAMIC IDD (TYPICAL) - WDT ENABLED, 25°C
FIGURE 13-3: WDT TIMER TIME-OUT
PERIOD vs. VDD
FIGURE 13-4: IOH vs. VOH, VDD = 2.5 V
Oscillator
Frequency
VDD = 2.5V
VDD = 5.5V
External RC
4 MHz
400 µA*
900 µA*
Internal RC
4 MHz
400 µA
900 µA
XT
4 MHz
400 µA
900 µA
LP
32 kHz
15 µA
60 µA
*Does not include current through external R&C.
MIn –40
C
Typ +25
C
Max +85
C
Max +125
C
55
50
45
40
35
30
25
20
15
10
0
2.5
3.5
4.5
5.5
6.5
VDD (Volts)
Max -40
C
Typ +25
C
Min +85
C
Min +125
C
VOH (Volts)
.5
1.0
1.5
2.0
2.5
-0
-1
-2
-3
-4
-5
-10
2.25
1.75
1.25
.75
-6
-7
-8
-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com