Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 113Page - Microchip Technology PIC12CE673 Datasheet HTML 114Page - Microchip Technology PIC12CE673 Datasheet HTML 115Page - Microchip Technology PIC12CE673 Datasheet HTML 116Page - Microchip Technology PIC12CE673 Datasheet HTML 117Page - Microchip Technology PIC12CE673 Datasheet HTML 118Page - Microchip Technology PIC12CE673 Datasheet HTML 119Page - Microchip Technology PIC12CE673 Datasheet HTML 120Page - Microchip Technology PIC12CE673 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 117
PIC12C67X
8-Lead Plastic Small Outline (SM) – Medium, 208 mil (SOIC)
Foot Angle
04
80
48
15
12
0
15
12
0
Mold Draft Angle Bottom
15
12
0
15
12
0
Mold Draft Angle Top
0.51
0.43
0.36
.020
.017
.014
B
Lead Width
0.25
0.23
0.20
.010
.009
.008
c
Lead Thickness
0.76
0.64
0.51
.030
.025
.020
L
Foot Length
5.33
5.21
5.13
.210
.205
.202
D
Overall Length
5.38
5.28
5.11
.212
.208
.201
E1
Molded Package Width
8.26
7.95
7.62
.325
.313
.300
E
Overall Width
0.25
0.13
0.05
.010
.005
.002
A1
Standoff
1.98
.078
A2
Molded Package Thickness
2.03
.080
A
Overall Height
1.27
.050
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
A2
A
A1
L
c
2
1
D
n
p
B
E
E1
.070
.075
.069
.074
1.78
1.75
1.97
1.88
*Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
Drawing No. C04-056
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com