Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 5 Page - Microchip Technology

  SST12LP15A Datasheet HTML 1Page - Microchip Technology SST12LP15A Datasheet HTML 2Page - Microchip Technology SST12LP15A Datasheet HTML 3Page - Microchip Technology SST12LP15A Datasheet HTML 4Page - Microchip Technology SST12LP15A Datasheet HTML 5Page - Microchip Technology SST12LP15A Datasheet HTML 6Page - Microchip Technology SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
5
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
Data Sheet
Electrical Specifications
The AC and DC specifications for the power amplifier interface signals. Refer to Table 3 for the DC volt-
age and current specifications. Refer to Figures 3 through 10 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Input power to pins 2 and 3 (PIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5 dBm
Average output power (POUT)1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28 dBm
1. Never measure with CW source. Pulsed single-tone source with <50% duty cycle is recommended. Exceeding the max-
imum rating of average output power could cause permanent damage to the device.
Supply Voltage at pins 5, 12, 14, 16 (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +4.6V
Reference voltage to pins 6 (VREF1) and pin 7 (VREF2) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.6V
DC supply current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mA
Operating Temperature (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Table 2: Operating Range
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
3.3V
T2.1 75056
Table 3: DC Electrical Characteristics at 25ºC
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage at pins 5, 12, 14, 16
3.0
3.3
4.2
V
ICC
Supply Current
for 802.11g, 24 dBm
300
mA
for 802.11b, 25 dBm
350
mA
ICQ
Idle current for 802.11g to meet EVM<4% @ 23dBm
80
mA
IOFF
Shut down current
1
µA
VREG1
Reference Voltage for 1st and 2nd Stage, with 270
Ω resistor
2.85
2.90
2.95
V
VREG2
Reference Voltage for 3rd Stage, with 100
Ω resistor
2.85
2.90
2.95
V
T3.1 75056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com