Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 12 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology SST12LP15A Datasheet HTML 10Page - Microchip Technology SST12LP15A Datasheet HTML 11Page - Microchip Technology SST12LP15A Datasheet HTML 12Page - Microchip Technology SST12LP15A Datasheet HTML 13Page - Microchip Technology SST12LP15A Datasheet HTML 14Page - Microchip Technology SST12LP15A Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
12
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
Data Sheet
Figure 11:Typical Schematic for High-Power, High-Efficiency 802.11b/g Applications
2
5
6
7
8
9
11
16
15
Biascircuit
1
50
Ω /85mil
50
Ω RFout
100pF
100pF
2.7pF
50
Ω/120mil
50
Ω RFin
VREG 1
VREG 2
14
13
10 µF
0.1 µF
Vcc
4
12
10
pF
100
12nH/0805 Inductor
R2 100
Ω
R1 270
Ω
3
0.1 µF
Det_ref
Det
10pF
10pF
1291 Schematic.0.7
Suggested operation conditions:
1 VCC = 3.3V
2. Center slug to RF ground
3. VREG1=VREG2=2.90V with
R1=270
Ω and R2=100Ω
* Could be removed if -7 dB
return loss is acceptable
R3 100
Ω
2.2nH*
pF
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com