Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 1 Page - Microchip Technology

  SST12LP15A Datasheet HTML 1Page - Microchip Technology SST12LP15A Datasheet HTML 2Page - Microchip Technology SST12LP15A Datasheet HTML 3Page - Microchip Technology SST12LP15A Datasheet HTML 4Page - Microchip Technology SST12LP15A Datasheet HTML 5Page - Microchip Technology SST12LP15A Datasheet HTML 6Page - Microchip Technology SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
Data Sheet
www.microchip.com
Features
• High Gain:
– Typically 32 dB gain across 2.4–2.5 GHz over tempera-
ture 0°C to +85°C
• High linear output power:
– >29 dBm P1dB
- Please refer to “Absolute Maximum Stress Ratings” on
page 5
– Meets 802.11g OFDM ACPR requirement up to 25 dBm
– Added EVM~4% up to 23 dBm for
54 Mbps 802.11g signal
– Meets 802.11b ACPR requirement up to 25 dBm
• High power-added efficiency/Low operating cur-
rent for both 802.11g/b applications
– ~26%/300 mA @ POUT = 24 dBm for 802.11g
– ~27%/350 mA @ POUT = 25 dBm for 802.11b
• Built-in Ultra-low IREF power-up/down control
–IREF ~2 mA
• Low idle current
–~80 mA ICQ
• High-speed power-up/down
– Turn on/off time (10%-90%) <100 ns
– Typical power-up/down delay with driver delay included
<200 ns
• High temperature stability
– ~1 dB gain/power variation between 0°C to +85°C
– ~1 dB detector variation over 0°C to +85°C
• Low shut-down current (~1 µA)
• On-chip power detection
• 25 dB dynamic range on-chip power detection
• Simple input/output matching
• Packages available
– 16-contact VQFN (3mm x 3mm)
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)
•Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
The SST12LP15A is a high-power and high-gain power amplifier based on the
highly-reliable InGaP/GaAs HBT technology. Easily configured for high-power
applications with superb power-added efficiency while operating over the 2.4-2.5
GHz frequency band, it typically provides 32 dB gain with 26% power-added effi-
ciency @ POUT = 24 dBm for 802.11g and 27% power-added efficiency @ POUT =
25 dBm for 802.11b. The SST12LP15A has excellent linearity while meeting
802.11g spectrum mask at 25 dBm. The power amplifier IC features easy board-
level usage along with high-speed power-up/down control and is offered in 16-
contact VQFN package


Similar Part No. - SST12LP15A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15A SST-SST12LP15A Datasheet
278Kb / 13P
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A-QVCE SST-SST12LP15A-QVCE Datasheet
278Kb / 13P
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A-QVCE-K SST-SST12LP15A-QVCE-K Datasheet
278Kb / 13P
2.4 GHz High-Power and High-Gain Power Amplifier
More results

Similar Description - SST12LP15A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP15A SST-SST12LP15A Datasheet
278Kb / 13P
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com