Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LP15A Datasheet HTML 2Page - Microchip Technology SST12LP15A Datasheet HTML 3Page - Microchip Technology SST12LP15A Datasheet HTML 4Page - Microchip Technology SST12LP15A Datasheet HTML 5Page - Microchip Technology SST12LP15A Datasheet HTML 6Page - Microchip Technology SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology SST12LP15A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
6
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
Data Sheet
Table 4: AC Electrical Characteristics for Configuration at 25ºC
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range in 802.11b/g applications (see Fig-
ure 11)
2400
2485
MHz
POUT
Output power
@ PIN = -10 dBm 11b signals
23
dBm
@ PIN = -10 dBm 11g signals
23
dBm
G
Small signal gain
31
32
dB
GVAR1
Gain variation over each band (2400-2485 MHz)
±0.5
dB
GVAR2
Gain ripple over channel (Gain variation over 20
MHz)
0.2
dB
ACPR
Meet 11b spectrum mask
24
25
dBm
Meet 11g OFDM 54 MBPS spectrum mask
24
25
dBm
Added EVM @ 23 dBm output with 11g OFDM 54 MBPS signal
3.5
%
2f, 3f, 4f, 5f
Harmonics at 22 dBm, without trapping capacitors
-40
dBc
T4.2 75056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com