Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 15 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology SST12LP15A Datasheet HTML 10Page - Microchip Technology SST12LP15A Datasheet HTML 11Page - Microchip Technology SST12LP15A Datasheet HTML 12Page - Microchip Technology SST12LP15A Datasheet HTML 13Page - Microchip Technology SST12LP15A Datasheet HTML 14Page - Microchip Technology SST12LP15A Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
15
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
Data Sheet
Table 5:Revision History
Revision
Description
Date
00
•
Initial release of data sheet
Mar 2005
01
•
Updated values for gain and efficiency on page 1
•
Updated values for VREG1 and VREG2 in Table 3 on page 5
•
Removed stability parameter from Table 4 on page 6
•
Updated the typical application schematic on page 12
•
Updated QVC package drawing.
•
Updated “Absolute Maximum Stress Ratings” on page 5
Mar 2006
02
•
Added information for 2.3-2.4 and 2.5-2.6 applications
•
Removed leaded part numbers
Jul 2006
03
•
Updated “Features” and “Product Description” on page 2
•
Revised Table 3 on page 5 and Table 4 on page 6
•
Updated values in Figure 11 on page 12.
•
Removed two schematics
•
Updated Figures 3 - 8
Sep 2008
04
•
Updated “Contact Information”.
Feb 2009
A
•
Applied new document format
•
Released document under letter revision system
•
Updated Spec number from S71291 to DS75056
Apr 2013
© 2013 Silicon Storage Technology, Inc–a Microchip Technology Company. All rights reserved.
SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Tech-
nology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and
registered trademarks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of
Sale.
For sales office locations and information, please see www.microchip.com.
Silicon Storage Technology, Inc.
A Microchip Technology Company
www.microchip.com
ISBN:978-1-62077-166-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com