Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LP15A Datasheet HTML 6Page - Microchip Technology SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology SST12LP15A Datasheet HTML 10Page - Microchip Technology SST12LP15A Datasheet HTML 11Page - Microchip Technology SST12LP15A Datasheet HTML 12Page - Microchip Technology SST12LP15A Datasheet HTML 13Page - Microchip Technology SST12LP15A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
10
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
Data Sheet
Figure 8: Detector Characteristic versus Output Power
Figure 9: 802.11g Spectrum Mask at 24 dBm, Total current 300 mA
1291 F8.0
Detector Voltage versus Output Power
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
9
10111213
1415161718
19
20
21
22
23
24
25
26
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
10
2.35
2.40
2.45
2.50
2.55
Frequency (GHz)
Freq = 2.412 GHz
Freq = 2.442 GHz
Freq = 2.484 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com