Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 2 Page - Microchip Technology

  SST12LP15A Datasheet HTML 1Page - Microchip Technology SST12LP15A Datasheet HTML 2Page - Microchip Technology SST12LP15A Datasheet HTML 3Page - Microchip Technology SST12LP15A Datasheet HTML 4Page - Microchip Technology SST12LP15A Datasheet HTML 5Page - Microchip Technology SST12LP15A Datasheet HTML 6Page - Microchip Technology SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
2
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
Data Sheet
Product Description
The SST12LP15A is a high-power and high-gain power amplifier based on the highly-reliable InGaP/
GaAs HBT technology.
The SST12LP15A can be easily configured for high-power applications with superb power-added effi-
ciency while operating over the 2.4-2.5 GHz frequency band. It typically provides 32 dB gain with 26%
power-added efficiency @ POUT = 24 dBm for 802.11g and 27% power-added efficiency @ POUT = 25
dBm for 802.11b.
The SST12LP15A has excellent linearity, typically ~4% added EVM at 23 dBm output power which is
essential for 54 Mbps 802.11g operation while meeting 802.11g spectrum mask at 25 dBm.
SST12LP15A also has wide-range (>25 dB), temperature-stable (~1 dB over 85°C), single-ended/dif-
ferential power detectors which lower users’ cost on power control.
The power amplifier IC also features easy board-level usage along with high-speed power-up/down
control. Ultra-low reference current (total IREF ~2 mA) makes the SST12LP15A controllable by an on/
off switching signal directly from the baseband chip. These features coupled with low operating current
make the SST12LP15A ideal for the final stage power amplification in battery-powered 802.11b/g/n
WLAN transmitter applications.
The SST12LP15A is offered in 16-contact VQFN package. See Figure 2 for pin assignments and Table
1 for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com