Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP15A Datasheet(PDF) 13 Page - Microchip Technology

Part # SST12LP15A
Description  2.4 GHz High-Power and High-Gain Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP15A Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST12LP15A Datasheet HTML 7Page - Microchip Technology SST12LP15A Datasheet HTML 8Page - Microchip Technology SST12LP15A Datasheet HTML 9Page - Microchip Technology SST12LP15A Datasheet HTML 10Page - Microchip Technology SST12LP15A Datasheet HTML 11Page - Microchip Technology SST12LP15A Datasheet HTML 12Page - Microchip Technology SST12LP15A Datasheet HTML 13Page - Microchip Technology SST12LP15A Datasheet HTML 14Page - Microchip Technology SST12LP15A Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
©2013 Silicon Storage Technology, Inc.
DS75056A
04/13
13
2.4 GHz High-Power and High-Gain Power Amplifier
SST12LP15A
Data Sheet
Product Ordering Information
Valid combinations for SST12LP15A
SST12LP15A-QVCE
SST12LP15A Evaluation Kits
SST12LP15A-QVCE-K
Note:Valid combinations are those products in mass production or will be in mass production. Consult your SST
sales representative to confirm availability of valid combinations and to determine availability of new combi-
nations.
SST
12
LP
15A
-
QVCE
XX
XX
XXX
-
XXXX
Environmental Attribute
E1 = non-Pb contact (lead) finish
Package Modifier
C = 16 contact
Package Type
QV = VQFN
Version
Product Family Identifier
Product Type
P = Power Amplifier
Voltage
L = 3.0-3.6V
Frequency of Operation
2 = 2.4 GHz
Product Line
1 = RF Products
1. Environmental suffix “E” denotes non-Pb sol-
der. SST non-Pb solder devices are “RoHS
Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com