Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 24Page - Analog Devices AD6650/PCB Datasheet HTML 25Page - Analog Devices AD6650/PCB Datasheet HTML 26Page - Analog Devices AD6650/PCB Datasheet HTML 27Page - Analog Devices AD6650/PCB Datasheet HTML 28Page - Analog Devices AD6650/PCB Datasheet HTML 29Page - Analog Devices AD6650/PCB Datasheet HTML 30Page - Analog Devices AD6650/PCB Datasheet HTML 31Page - Analog Devices AD6650/PCB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD6650
Rev. A | Page 28 of 44
–35
–75
1
OFFSET FREQUENCY (kHz)
1000
10
100
–40
–45
–50
–55
–60
–65
–70
Figure 40. Output Spurious vs. Power Supply Ripple (AIN = 199 MHz)
An additional parameter that strongly impacts the PSRR is the
sensitivity to the AVDD voltage level. A plot of spur level versus
AVDD is shown below in Figure 41. Note that this plot also has
the spur level referenced to 1mV rms supply ripple and is
referred to the LO. Thus, this plot shows a transfer function
rather than an absolute value. The spurious level can be
extrapolated to any supply ripple level from this plot using
Equation 21.
–20
–50
2.95
3.60
AVDD (V)
–23
–26
–29
–32
–35
–38
–41
–44
–47
3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55
Figure 41. Output Spurious vs. Power Supply Ripple (AIN = 199 MHz)
The AD6650 has separate digital and analog power supply pins.
The analog supplies are denoted AVDD, and the digital supply
pins are denoted DVDD. Although analog and digital supplies
can be tied together, best performance is achieved when the
supplies are separate because the fast digital output swings can
couple switching current back into the analog supplies. Note
that AVDD and DVDD must be held between 3.0 V and 3.45 V.
DIGITAL OUTPUTS
It is recommended that the digital outputs drive a series resistor
(for example, 100 Ω). To minimize capacitive loading, the
number of gates on each output pin should be limited. The
series resistors should be placed as close to the AD6650 as
possible to limit the amount of current that can flow into the
output stage. These switching currents are confined between
ground and the DVDD pin. Also, note that excessive capacitive
loading increases output timing and can invalidate timing
specifications.
GROUNDING
For optimum performance, it is highly recommended to use a
split ground between the analog and digital grounds. AGND
should be connected to the analog ground of the RF board, and
DGND should be connected to the digital ground of the RF board.
To minimize the potential for noise coupling, it is highly
recommended to place multiple ground return traces and vias
so that the digital output currents do not flow back toward the
analog front end, but instead are routed quickly away from the
AD6650. This can be accomplished by simply placing
substantial ground connections directly back to the supply at a
point between the analog front end and the digital outputs.
Judicious use of ceramic chip capacitors between the power
supply and ground planes also helps suppress digital noise. The
layout should incorporate enough bulk capacitance to supply
the peak current requirements during switching periods.
LAYOUT INFORMATION
A multilayer board should be utilized to achieve optimal results.
It is highly recommended to use high quality ceramic chip
capacitors to decouple each supply pin to ground directly at the
device. The pin arrangement of the AD6650 facilitates ease of
use in the implementation of high frequency, high resolution
design practices. All of the digital outputs are on the opposite
side of the package from the analog inputs for isolation purposes.
Care should be taken when routing the digital output traces. To
prevent coupling through the digital outputs into the analog
portion of the AD6650, minimal capacitive loading should be
placed on these outputs.
The layout of the encode circuit is equally critical. Any noise
received on this circuitry results in corruption in the digitization
process and lower overall performance. The encode clock must
be isolated from the digital outputs and the analog inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com