Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 14Page - Analog Devices AD6650/PCB Datasheet HTML 15Page - Analog Devices AD6650/PCB Datasheet HTML 16Page - Analog Devices AD6650/PCB Datasheet HTML 17Page - Analog Devices AD6650/PCB Datasheet HTML 18Page - Analog Devices AD6650/PCB Datasheet HTML 19Page - Analog Devices AD6650/PCB Datasheet HTML 20Page - Analog Devices AD6650/PCB Datasheet HTML 21Page - Analog Devices AD6650/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD6650
Rev. A | Page 18 of 44
INFINITE IMPULSE RESPONSE (IIR) FILTER
The IIR filter of the AD6650 is a seventh-order low-pass filter
with an infinite impulse response. This filter cannot be bypassed
and always performs a decimation of 2. As can be seen from the
Z-transform, the IIR filter has a gain of −6.02 dB to accommodate
signal peaking within the structure. It is designed to be free of
limit cycles and is unconditionally stable. The IIR filter is
described by the Z-transform and coefficients shown in the
following equation:
() ()
() 2
3
5
7
2
4
6
3
5
7
×
×
+
×
+
×
+
×
+
×
+
×
+
×
+
×
+
×
+
×
+
×
=
z
d
z
d
z
d
z
d
n
z
n
z
n
z
n
z
n
z
n
z
n
z
n
z
IIR
1
3
5
7
0
2
3
1
1
3
2
0
(9)
where:
n0 = 0.046227
n1 = 0.278961
n2 = 0.76021
n3 = 1.208472
d0 = 0
d1 = 0.12895
d2 = 0
d3 = 0.254698
d4 = 0
d5 = 1.026276
d6 = 0
d7 = 1
Figure 23 shows the magnitude response of the IIR filter in a
typical GSM/EDGE case where the ADCs are sampling at
26 MHz and the CIC filter is decimating by 12 to generate a
2.16 MHz (8× symbol rate) input rate to the IIR.
0
–30
–40
–50
–10
–20
–60
–70
–80
–100
–110
–90
–120
FREQUENCY (MHz)
IIR RESPONSE
Figure 23. IIR Frequency Response
Figure 24 shows the phase response of the IIR filter over the
range of ±100 kHz after a time delay during which ~13.449 input
samples of the filter have been removed. The input rate is the
same 2.16 MHz from the above GSM/EDGE configuration.
Examining the plot shows that the IIR filter is not exactly phase
linear. (Linear phase would be flat after the time delay has been
removed). It can be seen, however, that the phase response over
the band of interest is essentially perfect. From −100 kHz to
+100 kHz, the phase distortion is ~0.056° rms. This phase
response is several orders of magnitude below the analog LO
and analog filter phase distortions.
CHANNEL BW (kHz)
0.001
6 × 10–4
2 × 10–4
–2 × 10–4
–6 × 10–4
–0.001
–100
–50
0
50
100
IIR PHASE RESPONSE
Figure 24. IIR Phase Response
RAM COEFFICIENT FILTER
The final signal processing stage is a sum-of-products decimating
filter with programmable coefficients (see Figure 25). The I-RAM
and Q-RAM data memories store the most recent complex
samples from the IIR filter with 23-bit resolution. The number
of samples stored in these memories is equal to the coefficient
length (Ntaps), up to 48 taps. The coefficient memory, CMEM,
stores up to 48 coefficients with 20-bit resolution. On every
CLK (up to 52 MHz) cycle, one tap for I and one tap for Q are
calculated using the same coefficients. The RCF output consists
of 16-bit or 24-bit data.
48 × 23
I-RAM
COARSE
SCALE
RND
WORD
I IN
48 × 20
C-RAM
48 × 23
Q-RAM
Q IN
28
25
28
24
Figure 25. Block Diagram of the RCF
RCF Decimation Register
Each RCF channel can decimate the data rate by a factor of 1 to
8. The decimation register is a 3-bit register. The RCF decimation is
stored in Address 0x18 in the form of MRCF − 1. The input rate
to the RCF is fSAMPIIR.
RCF Decimation Phase Register
The AD6650 uses the value stored in this register to preload the
RCF counter. Therefore, instead of starting from 0, the counter
is loaded with this value, thus creating a time offset in the
output data. This data is stored in Address 0x19 as a 3-bit
number. Time delays can be achieved in even units of the RCF
input rate, which is typically ¼ of the symbol time for GSM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com