Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 42 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 42 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 36Page - Analog Devices AD6650/PCB Datasheet HTML 37Page - Analog Devices AD6650/PCB Datasheet HTML 38Page - Analog Devices AD6650/PCB Datasheet HTML 39Page - Analog Devices AD6650/PCB Datasheet HTML 40Page - Analog Devices AD6650/PCB Datasheet HTML 41Page - Analog Devices AD6650/PCB Datasheet HTML 42Page - Analog Devices AD6650/PCB Datasheet HTML 43Page - Analog Devices AD6650/PCB Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
AD6650
Rev. A | Page 42 of 44
The peak detector for this threshold monitors the desired signal
and blocker peaks at the ADC output.
0x14: Start Holdoff Counter [15:0]
The start holdoff counter is loaded with the value written to this
address when a sync is initiated. It can be initiated by either a
Soft_SYNC or Pin_SYNC. The counter begins decrementing,
and when it reaches a value of 1, the channel exits sleep mode
and begins processing data. If this register is written 1, the start
occurs immediately when the SYNC comes into the channel. If
it is written 0, no SYNC occurs.
0x15: CIC4 Decimation Minus One (MCIC4 − 1) [4:0]
This register is used to set the decimation in the CIC4 filter. The
value written to this register is the decimation minus one. The
value of this register should be 12 or greater because the CIC
and IIR have maximum rates of 26 MHz/12. Although this is a
5-bit register, the decimation is usually limited to between 12
and 32. Decimations higher than 32 require more scaling than
the CIC4’s capability.
0x16: CIC4 Scale [3:0]
The CIC4 scale factor is used to compensate for the growth of
the CIC4 filter. See the Fourth-Order Cascaded Integrator
Comb Filter (CIC4) section for details.
0x17: IIR Control Register [1]
Address 0x17 is the IIR control register. When this bit is set to 0,
the sync mask is disabled. In this mode, after a SYNC is issued
to the AD6650, the IIR data path is not cleared. If the sync mask
is enabled, the bit is set to 1, and the data path is cleared of its
contents and starts accumulating new data on the first valid
clock after a Soft_SYNC or Pin_SYNC is issued.
0x18: RCF Decimation Register Minus One (MRCF − 1) [2:0]
This register is used to set the decimation of the RCF stage. The
value written is the decimation minus one. This is a 3-bit
register that allows decimations up to 8.
0x19: RCF Decimation Phase (PRCF) [2:0]
This register allows any one of the MRCF phases of the filter to
be used and can be adjusted dynamically. Each time a filter is
started, this phase is updated. When a channel is synchronized,
it retains the phase setting selected. This can be used as part of a
timing recovery loop with an external processor or can allow
multiple RCFs to work together while using a single RCF pair.
See the RAM Coefficient Filter section for more details.
0x1A: RCF Coefficient Offset (CORCF) [5:0]
This register is used to specify which section of the 256-word
coefficient memory is used for a filter. It can be used to select
among multiple filters that are loaded into memory and
referenced by this pointer. This register is shadowed and the
filter pointer is updated every time a new filter is started. This
allows the coefficient offset to be written even while a filter is
being computed without disturbing operation. The next sample
that comes out of the RCF will be with the new filter.
0x1B: RCF Taps Minus One (NTAPS − 1) [5:0]
The number of taps for the RCF filter minus one is written to
this register.
0x1C: RCF Scale Register [1:0]
This 2-bit register represents the output scale factor of the RCF.
This register is used to scale the output data between 0 dB and
−18 dB in 6 dB steps.
0x1D to 0x20: BIST Register [23:0]
These four registers allow the complete digital functionality of
the I and Q data path in the A and B channels to be tested in the
system. See the User-Configurable Built-In Self-Test (BIST)
section for more details.
0x21: Serial Control Register [8:0]
This register controls the serial port of the AD6650 and
determines the output format.
Bit 8
Fine DCC data to BIST.
Bit 7
If this bit is enabled (set high), Channel B data is output on
Serial Data Output 1 (SDO1).
Bit 6 to Bit 5
Choose the serial data frame sync (SDFS) mode. See the Serial
Data Frame Sync section for a full description of each mode. The
following bits select the corresponding mode.
Table 25. Serial Port Control Functions
Bits
Description
11
High for SDO0 valid
10
AI, AQ, BI, BQ pulses
01
AI, BI pulses
00
AI pulse
Bit 4
By setting this bit low, the output data stream is 16-bit I and 16-bit
Q data-words for both the A and B channels. By setting this bit
high, the output data stream is 24-bit I and 24-bit Q data words
for both the A and B chan nels. To fully realize the dynamic range
of the AD6650, it is recommended that the 24-bit mode be used.
Bit 3
By setting this bit high, the AD6650 becomes the serial bus
master. It is recommended that this bit be enabled (set high).
Bit 2 to Bit 0
This 3-bit register controls the divider on the serial clock
(SCLK) on the output of the AD6650. It is possible to divide the
SCLK by 8, allowing a flexible interface to a DSP or FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com