Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 25Page - Analog Devices AD6650/PCB Datasheet HTML 26Page - Analog Devices AD6650/PCB Datasheet HTML 27Page - Analog Devices AD6650/PCB Datasheet HTML 28Page - Analog Devices AD6650/PCB Datasheet HTML 29Page - Analog Devices AD6650/PCB Datasheet HTML 30Page - Analog Devices AD6650/PCB Datasheet HTML 31Page - Analog Devices AD6650/PCB Datasheet HTML 32Page - Analog Devices AD6650/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD6650
Rev. A | Page 29 of 44
CHIP SYNCHRONIZATION
The AD6650 is designed to allow synchronization of multiple
AD6650s within a system. The AD6650 is synchronized with
either a microprocessor write (Soft_SYNC) or a pulse on the
SYNC pin (Pin_SYNC). The first sync event starts the device,
and subsequent sync events resynchronize the filters of the
AD6650. By using a start holdoff counter, it is possible to align the
phase of the AD6650 to other devices. To synchronize the AD6650
with external hardware, see the Start with SYNC Pin section.
Start with Soft_SYNC
The AD6650 includes the ability to synchronize channels or
chips under microprocessor control. The start holdoff counter
(Address 0x14), in conjunction with the SYNC bit (External
Memory Address 5, Bit 0), allows this synchronization. The
start holdoff counter delays the start and synchronization of a
channel(s) by its value (number of AD6650 CLKs).
Use the following method to synchronize the start of a channel
via microprocessor control:
1.
Set the appropriate channels to sleep mode. A hard reset to
the AD6650 (RESET taken low) puts both channels into
sleep mode.
2.
Enable Channel A and/or Channel B (External Memory
Address 3, Bit 0).
3.
Write the start holdoff counter(s) (Address 0x14) to the
appropriate value (greater than 1 but less than 65,535).
4.
Program all other registers of the AD6650 that are not
already set.
5.
Write the Soft_SYNC bit high (External Memory
Address 5, Bit 0).
6.
When the Soft_SYNC bit goes high, the start holdoff
counter begins to count down using the AD6650 CLK
signal after the CLK divider. When the start holdoff
counter reaches a count of 1, the selected channel(s) are
activated.
Start with SYNC Pin
The AD6650 has a SYNC pin that can be used to provide
synchronization between AD6650 devices and external
hardware to a resolution of 1 ADC sample cycle. This can be
accomplished by providing a 1-CLK-cycle-wide pulse on the
SYNC pin when the edge-sensitive bit of the SF1 register is low
(External Memory Address 4, Bit 4), which is useful when an
FPGA or other external hardware is operating at the CLK rate of
the AD6650. Synchronization can also be accomplished by
setting the edge-sensitive bit high so that the SYNC input is
rising-edge sensitive, which is useful when the external
hardware is operating off a clock that is much slower than the
AD6650 or is asynchronous to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com