Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 39 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 35Page - Analog Devices AD6650/PCB Datasheet HTML 36Page - Analog Devices AD6650/PCB Datasheet HTML 37Page - Analog Devices AD6650/PCB Datasheet HTML 38Page - Analog Devices AD6650/PCB Datasheet HTML 39Page - Analog Devices AD6650/PCB Datasheet HTML 40Page - Analog Devices AD6650/PCB Datasheet HTML 41Page - Analog Devices AD6650/PCB Datasheet HTML 42Page - Analog Devices AD6650/PCB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD6650
Rev. A | Page 39 of 44
REGISTER DETAILS
Table 19. PLL Register 0: Control Latch
CH Address
Register
Description
Comment
DB21 to DB0
RSVD
Reserved
Must be written 00 0000 0111 1100 0100 0000 (MSB ... LSB).
Table 20. PLL Register 1: R Counter Latch
CH Address
Register
Description
Comment
DB21 to DB14
RSVD
Reserved
Must be written 0001 0100 (DB21 ... DB14).
DB13 to DB0
R1 to R14
14-bit reference counter, R
Table 21. PLL Register 2: N Counter Latch
CH Address
Register
Description
Comment
DB21 to DB19
RSVD
Reserved
Must be written 000.
DB18 to DB6
B13 to B1
13-bit B counter
B13 to B1 programs the 13-bit B counter.
DB5
RSVD
Reserved
Must be written 0.
DB4 to DB0
A5-A1
5-bit A counter
A5 to A1 programs the 5-bit counter. The divide range is 0 (00000) to 31 (11111).
Table 22. PLL Register 3—Reserved
CH Address
Register
Bit Definitions
Comment
DB21 to DB0
RSVD
Reserved
Must be written 11 0001 1000 0000 0000 0000 (MSB ... LSB).
0x00: Clock Divider Control [1]
The clock divider control bit sets the internal clock rate for the
AD6650. If this bit is set low and the clock rate is ≤52 MSPS, the
internal divide-by-2 is bypassed. If a faster clock rate is desired,
the clock divider control bit should be set high. By setting this
bit high, the internal divide-by-2 is used.
0x01: PLL Control Register 0 [21:0]
This register is reserved and must be written 00 0000 0111 1100
0100 0000 (MSB ... LSB).
0x02: PLL Control Register 1 [21:0]
DB13 to DB0: These bits are used to set the R-counter for the PLL.
DB21 to DB14: These bits are reserved and must be written
0001 0100.
0x03: PLL Control Register 2 [21:0]
DB4 to DB0: This 5-bit register is used to set the value for the A
counter in the PLL.
DB5: This bit is reserved and must be written to 0.
DB18 to DB6: This 13-bit register is used to set the value for the
B-counter in the PLL.
DB21 to DB19: These bits are reserved and must be written 000.
0x04: PLL Control Register 3 [21:0]
This register is reserved and must be written 11 0001 1000 0000
0000 0000 (MSB ... LSB).
0x05: Clamp Control [5:0]
This register either enables or disables the clamps on the output
of the mixers. These clamps should be enabled.
0x06: Reserved [8:0]
This register is reserved and must be written 00000000.
0x07: Reserved [8:0]
This register is reserved and must be written 00000000.
0x08: Reserved [8:0]
This register is reserved and must be written 00010001.
0x09: Reserved [1:0]
This register is reserved and should be written low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com