Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 21 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 17Page - Analog Devices AD6650/PCB Datasheet HTML 18Page - Analog Devices AD6650/PCB Datasheet HTML 19Page - Analog Devices AD6650/PCB Datasheet HTML 20Page - Analog Devices AD6650/PCB Datasheet HTML 21Page - Analog Devices AD6650/PCB Datasheet HTML 22Page - Analog Devices AD6650/PCB Datasheet HTML 23Page - Analog Devices AD6650/PCB Datasheet HTML 24Page - Analog Devices AD6650/PCB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD6650
Rev. A | Page 21 of 44
Peak Detector
The peak detector always stores the input sample with the
largest magnitude. The absolute value of every input sample is
compared to what is currently in the peak detector’s holding
register. The only exception is when the control counter reaches
0; at this point, the dc offset estimate is updated and the peak
detector is set to the current input magnitude. The output of
each of the peak detectors is then encoded into a digital word
that represents the signal power in 6 dB steps relative to full
scale (FS).
DC Accumulator
The dc accumulator accumulates the 24-bit samples input from
the RCF filter until the control counter reaches 0. At this time,
the dc estimate in the holding register is updated, and the
accumulator is directly loaded with the new input sample to
begin work on the next estimate.
Control Counter
This counter controls the update of the dc correction block
based on the peak detector value and the input control registers.
The following three conditions are possible:
•
If the digital word from the peak detector indicates that the
desired signal is below the lower threshold, the counter
merely cycles through at the minimum period.
•
If the digital word from the peak detector indicates that the
desired signal is above the upper threshold, the control
counter is held at the minimum period value and does
not count down; therefore, no update is made. When the
signal returns below the upper threshold, this counter
resumes counting.
•
If the digital word from the peak detector indicates that the
desired signal is between the lower threshold and the upper
threshold, the fine dc correction circuit is in its normal mode
of operation. In this mode, the control counter starts with the
minimum period but is reloaded with 4× minimum period
every time the peak detector output words increment by
6 dB. This errs on the side of caution and ensures that the
dc correction integrates long enough to obtain a valid
estimate. If smaller integrations are preferred, the minimum
period can be decreased or the lower threshold can be raised.
The integration period is given by Equation 15 and Equation 16.
The factor of 2 in the exponent shows that as peak signal power
increases, the integration time is increased by a factor of 4. This
decreases the bandwidth of the estimation filter, thus providing
the additional processing gain in the dc estimation term.
When the desired signal power equals the upper threshold,
2
02
.
6
_
_
2
_
_
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
+
Threshold
Lower
Threshold
Upper
P
I
Ceil
Period
Min
(15)
When the desired signal power is less than the upper threshold,
2
02
.
6
_
_
_
2
_
_
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
+
Threshold
Lower
Power
Signal
Desired
P
I
Ceil
Period
Min
(16)
where Min_Period, Upper_Threshold, and Lower_Threshold are
register-programmable values.
To calculate the time required for the fine dc correction to
converge, use the following equation:
60
_
_
_
SYM
T
P
I
Converge
DC
Fine
×
=
(17)
where:
TSYM is the output symbol rate of the AD6650.
Fine_DC_Converge is expressed in minutes, and for a GSM
application with 1× oversampling, it is 3.69 × 10−6.
USER-CONFIGURABLE BUILT-IN SELF-TEST (BIST)
The AD6650 includes a BIST to assess digital functionality. This
feature verifies the integrity of the main digital signal paths of
the AD6650. Each BIST register is independent, meaning that
each channel can be tested independently at the same time.
The BIST is a thorough test of the selected AD6650 digital
signal path. With this test mode, it is possible to use the internal
pseudorandom generator to produce known test data. A
signature register follows the fine dc correction block. This
register can be read back and compared to a known good
signature. If the known good signature matches the register
value, the channel is fully operational.
If an error is detected, each internal block can be bypassed and
another test can be run to debug the fault. The I and Q paths are
tested independently. Use the following steps to perform this test:
1.
Reset the AD6650.
2.
Program the desired AD6650 channel parameters for the
desired application (these parameters include decimation
rates, scalars, and RCF coefficients). Also, ensure that the
start holdoff counter is set to a nonzero value.
3.
Set Register 0xA, Bit 1, to 1 (PN_EN).
4.
Set Register 0x21, Bit 8, to 0 (fine DCC to BIST).
5.
Start the A and/or B channels with a microprocessor write
(Soft_SYNC) or a pulse on the SYNC pin (Pin_SYNC).
6.
Wait at least 300 μs.
7.
Read the four BIST registers and compare the values to a
known good device. This ensures that the AD6650 is
programmed correctly and that each channel is
functioning correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com