Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 33 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 29Page - Analog Devices AD6650/PCB Datasheet HTML 30Page - Analog Devices AD6650/PCB Datasheet HTML 31Page - Analog Devices AD6650/PCB Datasheet HTML 32Page - Analog Devices AD6650/PCB Datasheet HTML 33Page - Analog Devices AD6650/PCB Datasheet HTML 34Page - Analog Devices AD6650/PCB Datasheet HTML 35Page - Analog Devices AD6650/PCB Datasheet HTML 36Page - Analog Devices AD6650/PCB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD6650
Rev. A | Page 33 of 44
REGISTER MAP
Table 18. Memory Map
Reg.
(Hex)
Mnemonic
Bit
Width
Description
Additional Information
Code
Result
0
Clock Divider Control
1
Power-up value is 1’b1.
0
Bypass
1
Divide-by-2
1
PLL Register 0
22
PLL Control Register 0.
See Table 19
2
PLL Register 1
22
PLL Control Register 1.
See
Table 20
3
PLL Register 2
22
PLL Control Register 2.
See Table 21
4
PLL Register 3
22
PLL Control Register 3.
See Table 22
5
Clamp Control
6
Various VGA control signals.
Power-up value is 6’b100011
Code
Gain (dB)
5 to 2: Tweak Gain
4
0
+1.6 dB
Provides ±1.6 dB of additional gain in VGA in
0.2 dB steps.
1
+1.4 dB
2
+1.2 dB
.
.
.
.
7
+0.2 dB
8
0 dB
9
−0.2 dB
.
.
.
.
14
−1.2 dB
15
−1.4 dB
Code
Result
1: Clamp Disable B
1
0
Enable clamp
Disables clamps at the output of the VGA for
Channel B.
1
Disable clamp
0: Clamp Disable A
1
0
Enable clamp
Disables clamps at the output of the VGA for
Channel A.
1
Disable clamp
6
Reserved
8
Reserved.
Must be written 8’b00000000
7
Reserved
8
Reserved.
Must be written 8’b00000000
8
Reserved
8
Reserved.
Must be written 8’b00010001
9
Reserved
2
Must be written 0.
Power-up value is 2’b00
A
Coarse DC Correction
4
Coarse dc correction control registers.
Power-up value is 4’b0000
Code
Result
3: Cal Now B
1
0
Disabled
1
Recalibrate
Calibrate coarse dc correction for the
Channel B. Coarse dc correction occurs
automatically at start-up if Bit 0 of the
AutoCalibration control register is set high.
2: Cal Now A
1
0
Disabled
Calibrate coarse dc correction for the
Channel A. Coarse dc correction occurs
automatically at start-up if Bit 0 of the
AutoCalibration control register is set high.
1
Recalibrate
1: PN_EN
1
0
Disabled
Enables the PN sequence generator to test
the digital block.
1
Enable PN
sequence
generator
Code
Result
0: Coarse DCC Enable
1
0
Disabled
Enables coarse DCC. This register must be
held high during start-up sequence for
coarse dc correction to occur.
1
DCC enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com