Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD6650/PCB
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6650/PCB Datasheet HTML 31Page - Analog Devices AD6650/PCB Datasheet HTML 32Page - Analog Devices AD6650/PCB Datasheet HTML 33Page - Analog Devices AD6650/PCB Datasheet HTML 34Page - Analog Devices AD6650/PCB Datasheet HTML 35Page - Analog Devices AD6650/PCB Datasheet HTML 36Page - Analog Devices AD6650/PCB Datasheet HTML 37Page - Analog Devices AD6650/PCB Datasheet HTML 38Page - Analog Devices AD6650/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AD6650
Rev. A | Page 35 of 44
Reg.
(Hex)
Mnemonic
Bit
Width
Description
Additional Information
D
AGC Control 1
9
VGA gain (dB) = (0.094) × VGA gain word.
Code
Gain (dB)
0
0 dB
1
0.094 dB
2
0.188 dB
.
.
.
.
382
35.9 dB
8 to 0: VGA Gain
This drives the VGA directly when force VGA
gain = 1.
383
36.002 dB
E
AGC Control 2
16
AGC hysteresis and requested level.
Code
Hysteresis (dB)
15 to 8: Hysteresis
8
0
0
Upper hysteresis threshold = requested level
+ hysteresis.
1
±.094 dB
2
±.188 dB
Lower hysteresis threshold = requested level
− hysteresis.
.
.
.
.
254
±23.876 dB
The gain word does not change if the peak
measurement falls between the upper and
lower hysteresis threshold.
255
±23.97 dB
Code
Requested
Level (dBm)
7 to 0: Requested Level
8
0
+4 dBm
1
+3.906 dBm
2
+3.812 dBm
.
.
.
.
254
−19.8 dBm
The requested level for the slow loop. The
full-scale input into the AD6650 is
2 V p-p = 4 dBm.
255
−19.97 dBm
F
AGC Control 3
11
Loop gain = (mantissa/256) × ½exponent.
Code
Loop Gain Exp
10 to 8: Loop Gain
Exponent
3
Loop gain exponent (slow loop).
0
20
1
21
.
.
.
.
6
26
7
27
7 to 6: Reserved
2
Reserved.
N/A
Code
Mantissa
5 to 0: Loop Gain
Mantissa
6
Loop gain mantissa (slow loop).
0
0
1
1
2
2
.
.
.
.
62
62
63
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com