Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 4 Page - Texas Instruments

  CDC3RL02 Datasheet HTML 1Page - Texas Instruments CDC3RL02 Datasheet HTML 2Page - Texas Instruments CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CDC3RL02
SCHS371 – NOVEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO
VOUT
LDO output voltage
IOUT = 50 mA
1.71
1.8
1.89
V
CLDO
External load capacitance
1
10
μF
IOUT(SC)
Short circuit output current
RL = 0 Ω
100
mA
I0UT(PK)
Peak output current
VBATT = 2.3 V, VLDO = VOUT – 5%
100
mA
fIN = 217 Hz and
60
1 kHz
PSR
Power supply rejection
VBATT = 2.3V, IOUT = 2 mA,
dB
fIN = 3.25 MHz
40
VBATT = 2.3 V , CLDO = 1 μF, CLK_REQ_n to
0.2
VLDO = 1.71 V
tsu
LDO startup time
ms
VBATT = 5.5 V , CLDO = 10 μF, CLK_REQ_n to
1
VLDO = 1.71 V
Power Consumption
ISB
Standby current
Device in standby (all VCLK_REQ_n = 0 V)
0.2
1
μA
ICCS
Static current consumption
Device active but not switching
0.4
1
mA
IOB
Output buffer average current
fIN = 26 MHz, CLOAD = 50 pF
4.2
mA
Output power dissipation
CPD
fIN = 26 MHz
44
pF
capacitance
MCLK_IN Input
MCLK_IN, CLK_REQ_1/2
II
VI = VLDO or GND
1
μA
leakage current
CI
MCLK_IN capacitance
fIN = 26 MHz
4.75
pF
RI
MCLK_IN impedance
fIN = 26 MHz
6
k
Ω
fIN
MCLK_IN frequency range
10
26
52
MHz
MCLK_IN LVCMOS Source
1-kHz offset
–140
10-kHz offset
–149
Additive phase noise
fIN = 26 MHz, tr/tf ≤ 1 ns
dBc/Hz
100-kHz offset
–153
1-MHz offset
–148
Additive jitter
fIN = 26 MHz, VPP = 0.8 V, BW = 10–5 MHz
0.37
ps (rms)
MCLK_IN to CLK_OUT_n
tDL
11
ns
propagation delay
DCL
Output duty cycle
fIN = 26 MHz, DCIN = 50%
45
50
55
%
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com