Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC3RL02 Datasheet HTML 2Page - Texas Instruments CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments CDC3RL02 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-170
-160
-150
-140
-130
-120
-110
-100
-90
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Offset Frequency (Hz)
Sine Wave 1.8 Vpp 1 µF
Sine Wave 0.8 Vpp 1 µF
Square Wave 1.8 V 1 µF
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF
C
= 30 pF
BATT
VLDO
BATT
OUT
3.38
3.39
3.40
3.41
3.42
3.43
3.44
3.45
3.46
3.47
3.48
3.49
3.50
3.51
3.52
3.53
3.54
0.3
0.6
0.9
1.2
1.5
1.8
Input Am plitude (Vpp)
TA = 85°C
TA = 25°C
TA = -40°C
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF
C
= 30 pF
BATT
VLDO
BATT
OUT
3.36
3.37
3.38
3.39
3.40
3.41
3.42
3.43
3.44
3.45
3.46
3.47
3.48
3.49
3.50
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VBATT (V)
TA = 85°C
TA = 25°C
TA = -40°C
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF
C
= 30 pF
BATT
VLDO
BATT
OUT
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
Frequency (MHz)
TA = 85°C
TA = 25°C
TA = -40°C
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF
C
= 30 pF
BATT
VLDO
BATT
OUT
CDC3RL02
SCHS371 – NOVEMBER 2009
www.ti.com
TYPICAL PERFORMANCE
ADDITIVE PHASE NOISE
SUPPLY CURRENT
vs
vs
OFFSET FREQUENCY
INPUT AMPLITUDE
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
INPUT FREQUENCY
SUPPLY VOLTAGE
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com