Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 2 Page - Texas Instruments

  CDC3RL02 Datasheet HTML 1Page - Texas Instruments CDC3RL02 Datasheet HTML 2Page - Texas Instruments CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
V
BATT
GND
MCLK_IN
LDO
Switch/
Decoder
EN
V
CC
V
LDO
CLK_OUT1
CLK_REQ1
CLK_OUT2
CLK_REQ2
EN
V
CC
CDC3RL02
SCHS371 – NOVEMBER 2009
www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–40°C to 85°C
NanoStar™ WCSP – YFP
Tape and reel
CDC3RL02YFPR
_ _ _ 4 L _
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
YFP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
● = Pb-free).
TERMINAL FUNCTIONS
NO.
NAME
I/O
DESCRIPTION
A1
VBATT
I
Input to internal LDO
A2
CLK_OUT1
O
Clock output 1
B1
VLDO
O
1.8 V I/O supply for CDC3RL02 and external TCXO
B2
CLK_REQ1
I
Clock request from peripheral 2
C1
MCLK_IN
I
Master clock input
C2
CLK_REQ2
I
Clock request from peripheral 1
D1
GND
–
Ground
D2
CLK_OUT2
O
Clock output 2
Table 2. FUNCTION TABLE
INPUTS
OUTPUTS
CLK_REQ1
CLK_REQ2
MCLK_IN
CLK_OUT1
CLK_OUT2
L
L
X
L
L
L
H
CLK
L
CLK
H
L
CLK
CLK
L
H
H
CLK
CLK
CLK
LOGIC DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com