Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 5 Page - Texas Instruments

  CDC3RL02 Datasheet HTML 1Page - Texas Instruments CDC3RL02 Datasheet HTML 2Page - Texas Instruments CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CDC3RL02
www.ti.com
SCHS371 – NOVEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MCLK_IN Sinusoidal Source
VMA
Input amplitude
0.3
1.8
V
1-kHz offset
–141
10-kHz offset
–149
fIN = 26 MHz, VMA = 1.8 VPP
100-kHz offset
–152
1-MHz offset
–148
Additive phase noise
dBc/Hz
1-kHz offset
–139
10-kHz offset
–146
fIN = 26 MHz, VMA = 0.8 VPP
100-kHz offset
–150
1-MHz offset
–146
ps
Additive jitter
fIN = 26 MHz, VMA = 1.8 VPP, BW = 10–5 MHz
0.41
(RMS)
MCLK_IN to CLK_OUT_1/2
tDS
12
ns
propagation delay
DCs
Output duty cycle
fIN = 26 MHz, VMA > 1.8 VPP
45
50
55
%
CLK_OUT_N Outputs
tr
20% to 80% rise time
CL = 10 pF to 50 pF
1
5.2
ns
tf
20% to 80% fall time
CL = 10 pF to 50 pF
1
5.2
ns
tsk
Channel-to-channel skew
CL = 10 pF to 50 pF (CL1 = CL2)
–0.5
0.5
ns
IOH = –100 μA, reference to VLDO
–0.1
VOH
High-level output voltage
V
IOH = –8 mA
1.2
IOL = 20 μA
0.2
VOL
Low-level output voltage
V
IOL = 8 mA
0.55
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com