Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 1 Page - Texas Instruments

  CDC3RL02 Datasheet HTML 1Page - Texas Instruments CDC3RL02 Datasheet HTML 2Page - Texas Instruments CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
C
B
A
A1
A2
B2
C2
D2
B1
C1
D1
D
CDC3RL02
www.ti.com
SCHS371 – NOVEMBER 2009
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
Check for Samples: CDC3RL02
1
FEATURES
APPLICATIONS
•
Cellular Phones
2
•
Low Additive Noise:
•
Global Positioning Systems (GPS)
–
–149 dBc/Hz at 10-kHz Offset Phase Noise
•
Wireless LAN
–
0.37-ps (RMS) Output Jitter
•
FM Radio
•
Limited Output Slew Rate for EMI Reduction
•
WiMAX
(1- to 5-ns/Rise/Fall Time for 10-pF to 50-pF
•
W-BT
Loads)
•
Adaptive Output Stage Controls Reflection
•
Regulated 1.8-V Externally Available I/O
Supply
•
Ultra-Small 8-bump YFP 0.4-mm Pitch WCSP
(0.8 mm × 1.6 mm)
•
EESD Performance Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
1000-V Charged-Device Model
(JESD22-C101-A Level III)
YFP PACKAGE
Table 1. YFP PACKAGE TERMINAL
(TOP VIEW)
ASSIGNMENTS
1
2
A
VBATT
CLK_OUT1
B
VLDO
CLK_REQ1
C
MCLK_IN
CLK_REQ2
D
GND
CLK_OUT2
DESCRIPTION/ORDERING INFORMATION
The CDC3RL02 is a two-channel clock fan-out buffer. It buffers a single master clock, such as a temperature
compensated crystal oscillator (TCXO) to multiple peripherals. The device has two clock request inputs
(CLK_REQ1 and CLK_REQ2), each of which enable a single clock output.
The CDC3RL02 accepts square or sine waves at the master clock input (MCLK_IN), eliminating the need for an
AC coupling capacitor. The smallest acceptable sine wave is a 0.3-V signal (peak-to-peak). CDC3RL02 has been
designed to offer minimal channel-to-channel skew, additive output jitter, and additive phase noise. The adaptive
clock output buffers offer controlled slew-rate over a wide capacitive loading range which minimizes EMI
emissions, maintains signal integrity, and minimizes ringing caused by signal reflections on the clock distribution
lines.
The CDC3RL02 has an integrated Low-Drop-Out (LDO) voltage regulator which accepts input voltages from 2.3
V to 5.5 V and outputs 1.8 V, 50 mA. This 1.8V supply is externally available to provide regulated power to
peripheral devices such as a TCXO.
The CDC3RL02 is ideal for use in portable end-equipment, such as mobile phones, that require clock buffering
with minimal additive phase noise and fan-out capabilities. It is offered in a 0.4-mm pitch wafer-level chip-scale
(WCSP) package (0.8 mm × 1.6 mm) and is optimized for very low standby current consumption.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC3RL02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC3RL02 TI2-CDC3RL02 Datasheet
828Kb / 23P
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
REVISED OCTOBER 2024
CDC3RL02BYFPR TI1-CDC3RL02BYFPR Datasheet
820Kb / 20P
Low Phase-Noise Two-Channel Clock Fan-Out Buffer
CDC3RL02BYFPR TI2-CDC3RL02BYFPR Datasheet
828Kb / 23P
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
REVISED OCTOBER 2024
CDC3RL02BYFPR.A TI2-CDC3RL02BYFPR.A Datasheet
828Kb / 23P
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
REVISED OCTOBER 2024
CDC3RL02BYFPR.B TI2-CDC3RL02BYFPR.B Datasheet
828Kb / 23P
CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
REVISED OCTOBER 2024
More results

Similar Description - CDC3RL02

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
logo
Melexis Microelectronic...
US651 MELEXIS-US651 Datasheet
322Kb / 12P
Two-Coil Low Noise Fan Driver
logo
Lattice Semiconductor
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
PulseCore Semiconductor
PCS2P5T915A PULSECORE-PCS2P5T915A Datasheet
799Kb / 23P
Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
logo
Texas Instruments
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
Texas Instruments
CDC3RL02 TI1-CDC3RL02_16 Datasheet
820Kb / 20P
Low Phase-Noise Two-Channel Clock Fan-Out Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com