Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments CDC3RL02 Datasheet HTML 10Page - Texas Instruments CDC3RL02 Datasheet HTML 11Page - Texas Instruments CDC3RL02 Datasheet HTML 12Page - Texas Instruments CDC3RL02 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LDO
TCXO CLK
TCXO REQ
TCXO CLK
TCXO REQ
GPS
WLAN
TCXO
1 µF
2.2 µF
Li
CLK_REQ_1
CLK_OUT_1
CLK_REQ_2
CLK_OUT_2
GND
VBATT
VLDO
CDC3RL02
MCLK
_IN
MCLK _IN
C
MCLK
CDC3RL02
www.ti.com
SCHS371 – NOVEMBER 2009
APPLICATION INFORMATION
Typical Application
The CDC3RL02 is ideal for use in mobile applications as shown in Figure 1. In this example, a single low noise
TCXO system clock source is buffered to drive a mobile GPS receiver and WLAN transceiver. Each peripheral
independently requests an active clock by asserting a single clock request line (CLK_REQ_1 or CLK_REQ_2).
When both clock request lines are inactive, the CDC3RL02 enters a low current shutdown mode. In this mode,
the LDO output, CLK_OUT_1, and CLK_OUT_2 are pulled to GND and the TCXO will be unpowered.
Figure 1. Mobile Application
When either peripheral requests the clock, the CDC3RL02 will enable the LDO and power the TCXO. The TCXO
output (square wave, sine wave, or clipped sine wave) is converted to a square wave and buffered to the
requested output.
Input Clock Squarer
Figure 2 shows the input stage of the CDC3RL02. The input signal at MCLK_IN can be a square wave or sine
wave. CMCLK is an internal AC coupling capacitor that allows a direct connection from the TCXO to the
CDC3RL02 without an external capacitor.
Figure 2. Input Stage
Any external component added in the series path of the clock signal will potentially add phase noise and jitter.
The error source associated with the internal decoupling capacitor is included in the specification of the
CDC3RL02. The recommended clock frequency band of the CDC3RL02 is 10 MHz to 52 MHz for specified
functionality. All performance metrics are specified at 26 MHz. The lowest acceptable sinusoidal signal amplitude
is 0.8 VPP for specified performance. Amplitudes as low as 0.3 VPP are acceptable but with reduced phase noise
and jitter performance.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com