Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 3 Page - Texas Instruments

  CDC3RL02 Datasheet HTML 1Page - Texas Instruments CDC3RL02 Datasheet HTML 2Page - Texas Instruments CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CDC3RL02
www.ti.com
SCHS371 – NOVEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBATT voltage range
(2)
–0.3
7
V
CLK_REQ_1/2, MCLK_IN
–0.3
VBATT + 0.3
Voltage range(3)
V
VLDO, CLK_OUT_1/2
(2)
–0.3
VBATT + 0.3
IIK
Input clamp current at VBATT,
VI < 0
–50
mA
CLK_REQ_1/2, and MCLK_IN
IO
Continuous output current
CLK_OUT1/2
±20
mA
Continuous current through GND, VBATT, VLDO
±50
mA
Human-Body Model
2000
ESD rating
Charged-Device Model
1000
V
Machine Model
200
TJ
Operating virtual junction temperature
–40
150
°C
TA
Operating ambient temperature range
–40
85
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VBATT
Input voltage
2.3
5.5
V
VI
Input voltage
MCLK_IN, CLK_REQ1/2
0
1.89
V
VO
Output voltage
CLK_OUT1/2
0
1.8
V
VIH
High-level input voltage
CLK_REQ1/2
1.3
1.89
V
VIL
Low-level input voltage
CLK_REQ1/2
0
0.5
V
IOH
High-level output current, DC current
–8
mA
IOL
Low-level output current, DC current
8
mA
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com