Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC3RL02 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDC3RL02
Description  LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC3RL02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments CDC3RL02 Datasheet HTML 10Page - Texas Instruments CDC3RL02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF
C
= 30 pF
BATT
VLDO
BATT
OUT
0
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
Tem perature (°C)
5.5 V
3.3 V
2.3 V
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF
C
= 30 pF
BATT
VLDO
BATT
OUT
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
10
20
30
40
50
60
70
80
90
100
Tim e (ns)
MCLK_IN
CLK_OUT1
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF C
= 30 pF
BATT
VLDO
BATT
OUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
10
20
30
40
50
60
70
CLOAD (pF)
TA = 85°C
TA = 25°C
TA = -40°C
V
= 3.3 V
C
= 1 µF
C
= 0.1 µF
C
= 30 pF
BATT
VLDO
BATT
OUT
CDC3RL02
www.ti.com
SCHS371 – NOVEMBER 2009
TYPICAL PERFORMANCE (continued)
STANDBY CURRENT
POWER SUPPLY REJECTION
vs
vs
TEMPERATURE
INPUT FREQUENCY
SINE-WAVE INPUT
RISE TIME
vs
vs
SQUARE-WAVE OUTPUT
LOAD
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com