Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 383 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 383 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 379Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 380Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 381Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 382Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 383Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 384Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 385Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 386Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 387Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 408 page
background image
Electrical Specifications
Timer Interface Module Characteristics
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Electrical Specifications
383
23.15 Timer Interface Module Characteristics
23.16 Clock Generation Module Characteristics
23.16.1 CGM Component Specifications
Table 23-8. Timer Interface Module Characteristics
Characteristic
Symbol
Min
Max
Unit
Input capture pulse width
tTIH, tTIL
1
—
tcyc
Table 23-9. CGM Component Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
Crystal reference frequency(1)
1. Fundamental mode crystals only
fXCLK
30
32.768
100
kHz
Crystal load capacitance(2)
2. Consult crystal manufacturer’s data.
CL
———
pF
Crystal fixed capacitance(2)
C1
6
2
× C
L
40
pF
Crystal tuning capacitance(2)
C2
6
2
× C
L
40
pF
Feedback bias resistor
RB
10
10
22
M
Ω
Series resistor
RS
330
330
470
k
Ω
Notes:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com