Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 384 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 384 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 380Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 381Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 382Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 383Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 384Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 385Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 386Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 387Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 388Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 408 page
background image
Electrical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
384
Electrical Specifications
MOTOROLA
23.16.2 CGM Electrical Specifications
Description
Symbol
Min
Typ
Max
Unit
Operating voltage
VDD
2.7
—
5.5
V
Operating temperature
T
–40
25
125
oC
Crystal reference frequency
fRCLK
30
32.768
100
kHz
Range nominal multiplier
fNOM
—
38.4
—
kHz
VCO center-of-range frequency(1)
1. 5.0 V
± 10% V
DD
fVRS
38.4 k
—
40.0 M
Hz
Medium-voltage VCO center-of-range frequency(2)
2. 3.0 V
± 10% V
DD
fVRS
38.4 k
—
40.0 M
Hz
VCO range linear range multiplier
L
1
—
255
VCO power-of-two range multiplier
2E
1
—
4
VCO multiply factor
N
1
—
4095
VCO prescale multiplier
2P
118
Reference divider factor
R
1
1
15
VCO operating frequency
fVCLK
38.4 k
—
40.0 M
Hz
Bus operating frequency(1)
fBUS
——
8.2
MHz
Bus frequency @ medium voltage(2)
fBUS
——
4.1
MHz
Manual acquisition time
tLock
——
50
ms
Automatic lock time
tLock
——
50
ms
PLL jitter(3)
3. Deviation of average bus frequency over 2 ms. N = VCO multiplier.
fJ
0
—
fRCLK x
0.025%
x 2P N/4
Hz
External clock input frequency
PLL disabled
fOSC
dc
—
32.8 M
Hz
External clock input frequency
PLL enabled
fOSC
30 k
—
1.5 M
Hz
Notes:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com