Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 180Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 181Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 182Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 183Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 184Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 185Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 186Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 187Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 408 page
background image
Low-Voltage Inhibit (LVI)
Technical Data
MC68HC908GR8 — Rev 4.0
184
Low-Voltage Inhibit (LVI)
MOTOROLA
14.4 Functional Description
Figure 14-1 shows the structure of the LVI module. The LVI is enabled
out of reset. The LVI module contains a bandgap reference circuit and
comparator. Clearing the LVI power disable bit, LVIPWRD, enables the
LVI to monitor VDD voltage. Clearing the LVI reset disable bit, LVIRSTD,
enables the LVI module to generate a reset when VDD falls below the trip
point voltage, VTRIPF. Setting the LVI enable in stop mode bit, LVISTOP,
enables the LVI to operate in stop mode. Setting the LVI 5V or 3V trip
point bit, LVI5OR3, enables VTRIPF to be configured for 5V operation.
Clearing the LVI5OR3 bit enables VTRIPF to be configured for 3V
operation. The actual trip points are shown in Electrical Specifications.
NOTE:
After a power-on reset (POR) the LVI’s default mode of operation is 3 V.
If a 5V system is used, the user must set the LVI5OR3 bit to raise the trip
point to 5V operation. Note that this must be done after every POR since
the default will revert back to 3V mode after each POR. If the VDD supply
is below the 5V mode trip voltage but above the 3V mode trip voltage
when POR is released, the part will operate because VTRIPF defaults to
3V mode after a POR. So, in a 5V system care must be taken to ensure
that VDD is above the 5V mode trip voltage after POR is released.
NOTE:
If the user requires 5V mode and sets the LVI5OR3 bit after a POR while
the VDD supply is not above the VTRIPR for 5V mode, the MCU will
immediately go into reset. The LVI in this case will hold the part in reset
until either VDD goes above the rising 5V trip point, VTRIPR, which will
release reset or VDD decreases to approximately 0 V which will re-trigger
the POR and reset the trip point to 3V operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com