Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 183Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 184Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 185Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 186Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 187Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 188Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 189Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 190Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 408 page
background image
Low-Voltage Inhibit (LVI)
LVI Status Register
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Low-Voltage Inhibit (LVI)
187
14.4.4 LVI Trip Selection
The LVI5OR3 bit in the configuration register selects whether the LVI is
configured for 5V or 3V protection.
NOTE:
The microcontroller is guaranteed to operate at a minimum supply
voltage. The trip point (VTRIPF [5 V] or VTRIPF [3 V]) may be lower than
this. (See Electrical Specifications for the actual trip point voltages.)
14.5 LVI Status Register
The LVI status register (LVISR) indicates if the VDD voltage was
detected below the VTRIPF level.
LVIOUT — LVI Output Bit
This read-only flag becomes set when the VDD voltage falls below the
VTRIPF trip voltage. See Table 14-1. Reset clears the LVIOUT bit.
Address:
$FE0C
Bit 7
654321
Bit 0
Read:
LVIOUT
0000000
Write:
Reset:
00000000
= Unimplemented
Figure 14-3. LVI Status Register (LVISR)
Table 14-1. LVIOUT Bit Indication
VDD
LVIOUT
VDD > VTRIPR
0
VDD < VTRIPF
1
VTRIPF < VDD < VTRIPR
Previous value
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com