Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPMS2H-PUR Datasheet HTML 4Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 5Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 6Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 9Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 10Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 11Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Maximum ratings
STPMS2
8/33
Doc ID 16525 Rev 3
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
PSRRDC
Power supply DC
rejection
Voltage signal: 200 mVrms/50Hz
Current signal: 10 mVrms/50Hz
fCLK=2.048 MHz
VCC=3.3V ±10%, 5V ±10%
90
dB
AC measurement accuracy
SNR
Signal to noise ratio
CIP-CIN channel – Vin=±230mV @
55Hz gain 2x over 4 kHz bandwidth
82
dB
VIP-VIN channel – Vin=±230mV @
55Hz over 4 kHz bandwidth
52
SINAD
Signal to noise ratio +
distortion
CIP-CIN channel – Vin=±230mV @
55Hz gain 2x over 4 kHz bandwidth
82
dB
VIP-VIN channel – Vin=±230mV @
55Hz over 4 kHz bandwidth
52
THD
Total harmonic distortion
CIP-CIN channel – Vin=±230mV @
55Hz gain 2x over 4 kHz bandwidth
-105
dB
VIP-VIN channel – Vin=±230mV @
55Hz over 4 kHz bandwidth
-78
SFDR
Spurious free dynamic
range
CIP-CIN channel – Vin=±230mV @
55Hz gain 2x over 4 kHz bandwidth
90
dB
VIP-VIN channel – Vin=±230mV @
55Hz over 4 kHz bandwidth
68
PSRRAC
Power supply AC
rejection
Voltage signal: 200 mVrms/50Hz
Current signal: 10 mVrms/50Hz
fCLK=2.048 MHz
VCC=3.3V+0.2Vrms1@100Hz
VCC=5.0V+0.2Vrms1@100Hz
120
dB
Analog inputs (CIP, CIN, VIP, VIN)
VMAX
Maximum input signal
levels
VIP-VIN channel
-0.3
+0.3
V
STPMS2L
CIP-CIN channel
Gain 2x
Gain 4x
Gain 8x
Gain 16x
STPMS2H
CIP-CIN channel
-0.3
-0.15
-0.075
-0.0375
-VREF/
GAIN
+0.3
+0.15
+0.075
+0.0375
+VREF/
GAIN
V
fSPL
A/D sampling frequency
fCLK
Hz
Voff
Amplifier offset
±20
mV
ZIP
VIP, VIN impedance
Over total operating voltage range
100
400
k
Ω
ZIN
CIP, CIN impedance
Over total operating voltage range
35
50
k
Ω
GERR
Gain error of current
channels
±10
%
Table 5.
General operating conditions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com