Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPMS2H-PUR Datasheet HTML 13Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 14Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 20Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
STPMS2
Theory of operation
Doc ID 16525 Rev 3
17/33
8
Theory of operation
8.1
General operation description
The STPMS2 performs second-order analog modulation of two channels in parallel, with
appropriate non-overlapping control signal generator, of signals with frequencies varying
from DC to 4 kHz on two independent channels in parallel. The outputs of the converters
provide two streams of digital ones and zeros which can be then be multiplexed in time to
reduce the number of external connections.
The STPMS2 converts analog signals on two independent channels in parallel via delta-
sigma (
ΣΔ) analog-to-digital converters into a binary stream of sigma-delta signals. The
device is particularly suitable to measure electrical line parameters (voltage and current) via
analog signals from voltage sensors (current divider) and current sensors (inductive
Rogowski coil, current transformer or shunt resistors). There is a current channel for
measuring line current and a voltage channel for measuring line voltage. The current
channel input is connected through an external anti-aliasing RC filter to a Rogowski coil,
current transformer (CT) or shunt current sensor which converts line current into an
appropriate voltage signal. The current channel includes a low-noise voltage preamplifier
with programmable gain. The voltage channel is connected directly through a resistor
voltage divider and anti-aliasing filter to a line voltage modulator (ADC). Both channels have
quiescent zero signal point at GND, so the STPMS2 is able to sample differential signals on
both channels with their zero point around GND.
The converted
ΣΔ signals are multiplexed in time in order to reduce the number of external
connections. The conversion and the multiplex are driven by external clock signal CLK.
The device is used in conjunction with a digital signal processing circuit to implement an
effective measuring system of a multi-phase power meter.
The STPMS2 also includes a temperature compensated band-gap reference voltage
generator, low-drop supply voltage regulator and minimal digital circuitry that includes BIST
(built-in self-test) structures. In a current signal processing channel, a low-noise preamplifier
is included upstream of the sigma-delta converter. All reference voltages are designed to
eliminate channel crosstalk.
The STPMS2 can operate in fast (HP) or low-power (LP) mode (see also Table 7). In fast
mode, a nominal clock frequency of up to 4.1 / 4.9 MHz is applied to the clock input. In this
mode, signal bandwidth is specified between 0 and 4 kHz. In low-power mode, the nominal
clock is four times slower (1 MHz) to lower the power consumption of the circuit. In low-
power mode, the quiescent bias currents of the preamplifier and sigma-delta integrators are
reduced and the signal bandwidth is narrowed to the frequency bandwidth of 0 to 1 kHz.
The mode of operation and configuration of the device can be selected by wiring
configuration pins (MS0, MS1, MS2 and MS3) to VCC, GND, CLK or NCLK signal. This
approach can be used to change the settings of a current channel, sigma-delta stream
output mode and temperature compensation curve of an internal band-gap reference.
These pins can act as a serial port to change the configuration of the device.
8.2
Functional description of the analog part
The supply pins for the analog part are VCC, VDDa, VDDac, VDDav, VBG and GND.
The GND pin also represents a reference point. The VDDa is an analog I/O pin of the
internal +3.0 V low drop voltage regulator and the VDDac and VDDav are the modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com