Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPMS2H-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 20Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 21Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
STPMS2
Theory of operation
Doc ID 16525 Rev 3
19/33
LPR (low precision): fCLK = 1 MHz and settings defined by MS0 through MS3
HPR (high precision): the normal mode of operation with fCLK = 2 MHz to 4 MHz
The STPMS2H sigma-delta modulators work in the following mode:
HHPR (very high precision) external reference must be connected to VBG, fCLK = 4 MHz.
The STPMS2 performs operations in 2 basic modes: Hard mode and Soft mode.
In Hard mode the configuration is set through external pins MS0, MS1, MS2 and MS3.
In Soft mode, 40 configuration bits can be accessed through CFG[39:0], via serial
communication. The pins used for serial communication are: MS0, MS1 and MS2.
Switching between Hard and Soft modes is achieved through pin MS3.
●
Hard mode: In this case the device configuration is bootstrapped at startup and signals
come from VIN and VIP for voltage channels, and CIP and CIN for current channels or
from internal BIST DAC.
●
Soft mode: In this mode all possible settings from Hard mode are accessible, as well
as the additional settings described in Section 8.5.
The STPMS2 sends to the DAT and DATn pins selected signals based on the configuration
used.
Both outputs have cross-current and slew rate limiters to prevent excessive current spikes
on supply lines.
Table 7.
Operating modes
Operating mode
Device
fCLK
Current
consumption
LP (low power)
LPR (low precision)
STPMS2L
1 MHZ
1,2 mA typ
HP (fast)
HPR (high precision)
STPMS2L
2 MHz – 4MHz
4 mA typ
HHPR (very high precision)
STPMS2H
4 MHz
Figure 17.
Block diagram of the modulator
AM09894v1
-
∫
-
∫
D/A
a2
a1
input
stream out
1st integrator
2nd integrator
comparator
dithering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com