Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPMS2H-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 23Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 24Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 25Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 26Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 27Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 28Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 29Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Theory of operation
STPMS2
26/33
Doc ID 16525 Rev 3
Hard Mode
Soft mode
Internal signal
Description
1CFG[24]
NV
HFC of voltage channel frequency selector:
– NV[2:0]
Frequency
000 (2)
CLK/256
001 (2)
CLK/128
010
CLK/256
011 (1)
CLK/128
100
CLK/64
101
CLK/32
110
CLK/16
111
CLK/8
1CFG[25]
0CFG[26]
1
CFG[27]
EPRSC
Current modulator pseudo random signals enable:
EPRSC=0: PRSC disabled
EPRSC=1: PRSC enabled (1)
1
CFG[28]
EPRSV
Voltage modulator pseudo random signals enable:
EPRSV=0: PRSV disabled
EPRSV=1: PRSV enabled (1)
0
CFG[29]
-
Reserved
0
CFG[30]
-
Reserved
0
CFG[31]
-
Reserved
0CFG[32]
DTMC
DAT and DAT output signal selector:
– DTMC[5:0]
pdV
domul
DAT
DATn
00XXXX
0
0
bsV
bsC
00XXXX
0
1
(bsV,bsC)
(bsVn,bsCn)
00XXXX
1
0
bsC
bsCn
00XXXX
1
1
bsC
bsCn
01XX00
0
0
bsV
LFC
01XX01
0
1
(bsV,bsC)
HFC
01XX10
1
0
bsC
BISTC
01XX11
1
1
bsC
PRSC
1000XX
0
0
LFV
bsC
1001XX
0
1
HFV
(bsVn,bsCn)
1010XX
1
0
BISTV
bsCn
1011XX
1
1
PRSV
bsCn
110000
X
X
LFV
LFC
110101
X
X
HFV
HFC
111010
X
X
BISTV
BISTC
111111
X
X
PRSV
PRSC
0CFG[33]
0CFG[34]
0CFG[35]
0CFG[36]
0CFG[37]
0
CFG[38]
-
Reserved
0
CFG[39]
-
Reserved
1.
Default value for Hard mode
2.
Combinations not used
Table 13.
Description of output signals and configuration bits CFG[39:0] (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com