Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPMS2H-PUR Datasheet HTML 10Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 11Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 12Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 13Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 14Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Terminology
STPMS2
14/33
Doc ID 16525 Rev 3
6
Terminology
6.1
Conventions
The lowest analog and digital power supply voltage is called GND which represents the
system ground. All voltage specifications for digital input/output pins are referred to GND.
The highest power supply voltage is called VCC. The highest core power supply is internally
generated and is called VDD.
Positive currents flow into a pin. Sinking current means that the current is flowing into the pin
and thus it is positive. Sourcing current means that the current is flowing out of the pin and
thus it is negative.
A positive logic convention is used in all equations.
6.2
Notation
Output bit streams of the modulator are indicated as bsV and bsC for voltage and current
channels, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com