Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPMS2H-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 20Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 21Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 22Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 23Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 24Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 25Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 26Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
STPMS2
Theory of operation
Doc ID 16525 Rev 3
23/33
MS3 enables or disables the BIST DAC output levels.
If enabled (MS3=VCC), the input of the modulators are disconnected from pin VIP, VIN and
CIP, and CIN, and connected to the output of BIST DAC which generates 2 different levels
appropriately adjusted for the current channel 300 mV / 37.5 mV depending on gain settings
2/16, while for the voltage channel, 300 mV is used. This mode is used as auto diagnostic
methodology of good behavior of the two modulators.
When disabled (MS3=GND), the input of the modulators comes from pins VIP, VIN and CIP,
and CIN. This is the normal operating condition.
8.5
Soft mode
The STPMS2 switches to Soft mode when MS3 is connected to CLK. In Soft mode, input
pins MS0, MS1 and MS2 control the serial communication port, as described in Table 12.
This way, all settings of the 40 internal configuration bits can be changed. The old values
remain in the registers until they are overwritten.
Table 10.
Control of voltage channel and output signals
MS2
Mode
Description
GND
0
Voltage channel ON, DATn = ~ [DAT =(CLK) ? bsV : bsC)]
CLK
1
Voltage channel OFF, DATn = bsCn, DAT = bsC
NCLK
2
Voltage channel OFF, DATn = bsCn, DAT = bsC
VCC
3
Voltage channel ON, DATn = bsC, DAT = bsV
Table 11.
Selection of Hard, Soft or Test mode and enable of BIST
MS3
Mode
Description
GND
0
HardMode, BIST mode OFF
CLK
1
Soft mode
NCLK
2
Reserved
VCC
3
HardMode, BIST mode ON
Table 12.
Pins for SPI communication
Pin
Function
Description
MS0
SCL
Clock input
MS1
TDI
Data input
MS2
TDS
Enable
MS3
CLK
SPI operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com