Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 5 Page - STMicroelectronics

  STPMS2H-PUR Datasheet HTML 1Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 2Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 3Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 4Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 5Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 6Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
STPMS2
Pin configuration
Doc ID 16525 Rev 3
5/33
3
Pin configuration
Figure 2.
Pin connections
AM09382v1
1
VDDac
VDDa
VBG
MS1
MS0
VCC
MS2
VDDav
GND
2
3
4
56
7
8
9
10
11
12
16
15
14
13
Table 2.
Pin description
Pin n°
Symbol
Description
1
VCC
Unregulated supply voltage for pad-ring, bandgap, low-drop and level shifters
2
VDDac
Current channel modulator supply input
3
VDDa
Output of internal + 3.0 V low drop regulated power supply
4
VBG
Output of internal + 1.23 V bias generator (STPMS2L);
Input of external precision reference voltage (STPMS2H)
5
CIN
Current channel -
6
CIP
Current channel +
7
VIN
Voltage channel -
8
VIP
Voltage channel +
9
VDDav
Voltage channel modulator supply input
10
MS0
Input for configurator 0
11
MS1
Input for configurator 1
12
MS2
Input for configurator 2
13
MS3
Input for configurator 3
14
CLK
Input for external measurement clock
15
DAT
Output of multiplexed
ΣΔ signal
Output of current
ΣΔ signal
16
DATn
Output of inverted multiplexed
ΣΔ signal
Output of voltage
ΣΔ signal
Exp PAD
GND
Ground level for signals and pin protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com