Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2H-PUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPMS2H-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2H-PUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPMS2H-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 9Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 10Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 11Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 12Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 13Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 14Page - STMicroelectronics STPMS2H-PUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
STPMS2
Application
Doc ID 16525 Rev 3
11/33
5
Application
The choice of external components in the transduction section of the application is a crucial
point in the application design, affecting the precision and the resolution of the entire
system.
Among the several considerations, a compromise should be found between the following
requirements:
1.
Maximize the signal-to-noise ratio in the voltage and current channel
2.
Choose the current-to-voltage conversion ratio Ks and the voltage divider ratio in a way
that calibration can be achieved
3.
Choose Ks to take advantage of the whole current dynamic range in accordance with
desired maximum current and resolution.
To maximize the signal-to-noise ratio of the current channel, the voltage divider resistors
ratio should be as close as possible to those shown in Table 6.
Figure 4 below provides a reference application schematic diagram:
●
P = 64000 imp/kWh
●
INOM = 5 A
●
IMAX = 60 A
Typical sensitivity values for the current sensors are indicated inTable 6.
Figure 4.
Detailed application schematic
U1
STPMS2H/L
1
2
3
4
cin
5
cip
6
vin
7
vip
8
9
10
11
12
MS3
13
CLK
14
DAT
15
DATn
16
17
18
e3
19
e4
20
C5
1µ
C6
1µ
C14
1µ
C9
1µ
L
LOAD
N
VCC
CLK
R7 1K 1%
R6
3.3 1%
R8 1K 1%
C7
4.7n
C8
4.7n
L3
E4622_X503
R4 150k
R3 150k
R2 150k
C3
10n
R5
470 1%
CLK
DAT
MS0 = CLK HP Ampl x 4
MS1 = 0
TC = 50 ppm/ C
MS2 = 0
Voltage c hannel ON, DAT =(CLK)? bs V: bs C
MS3 = 0
HardMode, BIST Mode OFF
L1
1µ
VL
VN
AM09379v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com