Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 3Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 4Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 5Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 6Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 9Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 10Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
STPMS2
Maximum ratings
Doc ID 16525 Rev 3
7/33
4.1
General operating conditions
VCC = 5 V, TAMB = 25 °C, 1 µF between VCC, VDDa, VDDac, VDDav and GND, 100 nF
between VBG and GND, fCLK = 4.19 MHZ unless otherwise specified.
Table 5.
General operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VCC
Operating supply
voltage
3.135
5.25
V
ICC
Quiescent current
LP, 1.229MHz; VCC=3.3V; CL=100nF;
no loads
1.2
1.5
mA
HP, 4.915MHz; VCC=3.2V; CL=100nF;
no loads
45
VPOR
Power on reset on VCC
2.5
V
VDD
Regulated supply
voltage
1.049MHz; VCC=3.2V; CL=100nF; no
loads
2.95
3.00
3.05
V
ILATCH
Current injection latch-
up immunity
300
mA
fBW
Effective bandwidth
Limited by chopper
0
4091
Hz
DC measurement accuracy
Resolution
11
16
bit
INL
Integral non linearity
Result referred to a 16-bit word of CIP-
CIN channel, HP mode, fCLK= 2.047MHz
3.3
LSB
Result referred to a 12-bit word of VIP-
VIN channel, HP mode, fCLK=2.047MHz
3.9
DNL
Differential linearity
Result referred to a 16-bit word of CIP-
CIN channel, HP mode, fCLK=2.047MHz
0.3
LSB
Result referred to a 12-bit word of VIP-
VIN channel, HP mode, fCLK=2.047MHz
0.5
Offset error
Result referred to a 16-bit word of CIP-
CIN channel, HP mode, fCLK=2.047MHz
0.02
LSB
Result referred to a 12 bit-word of VIP-
VIN channel, HP mode, fCLK=2.047MHz
0.005
Gain error
Result referred to a 16-bit word of CIP-
CIN channel, HP mode, fCLK=2.047MHz
0.04
0.4
LSB/uV
Result referred to a 12-bit word of VIP-
VIN channel, HP mode, fCLK=2.047MHz
0.003
NF
Noise floor
CIP-CIN channel gain 2x
120
dB
CIP-CIN channel gain 16x
118
VIP-VIN channel
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com