Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 11Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 12Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 13Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 14Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
STPMS2
Typical performance characteristics
Doc ID 16525 Rev 3
15/33
7
Typical performance characteristics
Figure 7.
VREF/VREF at 25 deg vs. temp
Figure 8.
SNHR of I channel, gain 16x
Figure 9.
SNHR of I channel, gain 2x
Figure 10.
SNHR of V channel, gain 2x
Figure 11.
SINAD of I channel, gain 16x (temp.
variation)
Figure 12.
SINAD of I channel, gain 16x (temp.
variation)
AM09901v1
-10
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
100000
1000000
I peak-peak [µV]
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, -30deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 0deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 25deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 60deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 85deg
AM09902v1
-20
-10
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
100000
1000000
10000000
I peak-peak [µV]
Current 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, -30deg
Current 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 0deg
Current 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 25deg
Current 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 60deg
Current 2x, Fsig = 55Hz, LP mode 2.047MHz, 3.3V, 85deg
AM09903v1
-40
-30
-20
-10
0
10
20
30
40
50
60
100
1000
10000
100000
1000000
10000000
U peak-peak [µV]
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, -30deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 0deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 25deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 60deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 85deg
AM09904v1
-10
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
100000
1000000
I peak-peak [µV]
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, -30deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 0deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 25deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 60deg
Current 16x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 85deg
AM09905v1
-40
-30
-20
-10
0
10
20
30
40
50
60
100
1000
10000
100000
1000000
10000000
U peak-peak [µV]
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, -30deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 0deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 25deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 60deg
Voltage 2x, Fsig = 55Hz, HP mode 2.047MHz, 3.3V, 85deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com