Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 14Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 15Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 16Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 17Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 18Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 19Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 20Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 21Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Theory of operation
STPMS2
18/33
Doc ID 16525 Rev 3
supply inputs. A 1 µF capacitor should be connected between VDDxx and GND. The input of
the regulator is VCC, which also powers the band-gap and bias generators. The band-gap
output is VBG, which should be connected to GND via a 100 nF capacitor.
The analog part of the STPMS2 consists of:
pre-amplifier in the current channel
1.23 V reference voltage generator (STPMS2L only)
+3 V low-drop supply voltage regulator
two sigma-delta 2nd order modulators
BIST DAC
AGND and VREF reference buffers
bias current generators
The voltage channel has a pre-amplification gain of 2, which defines the maximum
differential voltage on voltage channel inputs to ± 300 mV. The relative gain of the current
channel is selectable among 2, 4, 8 or 16, which defines the maximum differential voltage on
the current channel to ± 300 mV, ± 150 mV, ± 75 mV or ± 37.5 mV, respectively. The full
range of gains is available only in soft mode (see Section 8.5), while in hard mode only 2
and 16 are selectable.
The temperature-compensated reference voltage generator produces VREF = 1.23 V. This
generator is implemented as a band gap generator, whose temperature compensation
curve can be selected through configuration.
The low drop regulator fixes and stabilizes the core supply voltage to VDDa = 3 V. All digital
pads tolerate 5 V logic levels.
The STPMS2 is clocked by an external clock signal connected to pin CLK.
The STPMS2L sigma-delta modulators work in several operating modes, shown in Table 7
below.
Figure 16.
Power supply external connection scheme
AM09381v1
VCC
VDDac
VDDa
VBG
MS1
MS0
MS2
VDDav
GND
Analog Supply
3.3 - 5.0 V
1 µF
1 µF
100 nF
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com