Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS2L-PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPMS2L-PUR
Description  Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2L-PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPMS2L-PUR Datasheet HTML 5Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 6Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 7Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 8Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 9Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 10Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 11Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 12Page - STMicroelectronics STPMS2L-PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
STPMS2
Maximum ratings
Doc ID 16525 Rev 3
9/33
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IILV
Voltage channel leakage
current
VCC=5.25V, fCLK=4.19MHz
-1
1
µA
IILI
Current channel leakage
current
VCC=5.25V, fCLK=4.19MHz
-1
1
VCC=5.25V, fCLK=4.19MHz input
enabled
-10
10
Crosstalk between
channels
130
dB
Digital I/O (CLK, DAT, DATN, MS0, MS1, MS2, MS3)
VIH
Input High voltage
0.75VC
C
5.3
V
VIL
Input Low Voltage
-0.3
0.25VC
C
V
VOH
Output high voltage
IO=-1mA, CL=50pF, VCC=3.2V
VCC-0.4
V
VOL
Output low voltage
IO=+1mA, CL=50pF, VCC=3.2V
0.4
V
IUP
Pull up current
15
µA
tTR
Transition time
CLOAD=50pF
10
ns
tL
Latency
From 50% of CLK to 50% to DAT
40
ns
Clock input
fCLK
Nominal frequencies
Low precision mode
1.0
1.228
MHz
High precision mode
2.0
2.458
Very high precision mode
4.0
4.915
On chip reference voltage
VREF
Reference voltage
STPMS2L only (1)
1.21
1.23
1.25
V
Zout
Output impedance
30
200
k
Ω
IL
Maximum load current
0
µA
TC
Temperature coefficient
After calibration
30
50
ppm/°C
1.
This level may be delivered from external source in STPMS2H.
Table 5.
General operating conditions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com